Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 20Page - Analog Devices ADF4356BCPZ Datasheet HTML 21Page - Analog Devices ADF4356BCPZ Datasheet HTML 22Page - Analog Devices ADF4356BCPZ Datasheet HTML 23Page - Analog Devices ADF4356BCPZ Datasheet HTML 24Page - Analog Devices ADF4356BCPZ Datasheet HTML 25Page - Analog Devices ADF4356BCPZ Datasheet HTML 26Page - Analog Devices ADF4356BCPZ Datasheet HTML 27Page - Analog Devices ADF4356BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 24 of 35
Charge Pump Bleed Current
BL8 to BL1 (Bits[DB20:DB13]) control the level of the bleed
current added to the charge pump output. This current
optimizes the phase noise and spurious levels from the device.
Calculate the optimal bleed setting using the following rule.
Bleed Value = floor(24 × (fPFD/61.44 MHz) × (ICP/0.9 mA))
If fPFD > 100 MHz, disable bleed current using DB29.
where:
Bleed Value is the value programmed to Bits[DB20:DB13].
floor() is a function to round down to the nearest integer value.
fPFD is the PFD frequency.
ICP is the value of charge pump current setting, Bits[DB13:DB10] of
Register 4.
Mute Till Lock Detect
When D8 (Bit DB11) is set to 1, the supply current to the RF
output stage is shut down until the device achieves lock, as
determined by the digital lock detect circuitry.
RF Output B Enable
D6 (Bit DB9) enables or disables RF Output B (RFOUTB+/RFOUTB−).
If DB10 is set to 0, RF Output B is enabled. If DB10 is set to 1,
the RF Output B is disabled.
RF Output B Power
D5 and D4 (Bits[DB8:DB7]) set the value of the RF Output B
(RFOUTB+/RFOUTB−) power level (see Figure 34).
RF Output A Enable
D3 (Bit DB6) enables or disables RF Output A (RFOUTA+/RFOUTA−).
If DB3 is set to 0, RF Output A is disabled. If DB6 is set to 1, RF
Output A is enabled.
RF Output A Power
D2 and D1 (Bits[DB5:DB4]) set the value of the RF Output A
(RFOUTA+/RFOUTA−) power level (see Figure 34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com