Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 12Page - Analog Devices ADF4356BCPZ Datasheet HTML 13Page - Analog Devices ADF4356BCPZ Datasheet HTML 14Page - Analog Devices ADF4356BCPZ Datasheet HTML 15Page - Analog Devices ADF4356BCPZ Datasheet HTML 16Page - Analog Devices ADF4356BCPZ Datasheet HTML 17Page - Analog Devices ADF4356BCPZ Datasheet HTML 18Page - Analog Devices ADF4356BCPZ Datasheet HTML 19Page - Analog Devices ADF4356BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 16 of 35
REGISTER MAPS
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
2DBB = DOUBLE BUFFERED BITS—BUFFERED BY A WRITE TO REGISTER 0 WHEN BIT DB14 OF REGISTER 4 IS HIGH.
16-BIT INTEGER VALUE (INT)
14-BIT AUXILIARY MODULUS MSB VALUE (MOD2_LSB)
14-BIT AUXILIARY FRACTIONAL LSB VALUE (FRAC2_LSB)
CURRENT
SETTING
DBR1
DBR1
RESERVED
RF
DIVIDER SELECT 2
CHARGE PUMP BLEED CURRENT
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER 4
REGISTER 5
REGISTER 6
RF
OUTPUT B
POWER
RF
OUTPUT A
POWER
DB0
C1(0)
DB1
C2(1)
DB2
C3(1)
DB3
C4(0)
DB4
D1
DB5
DB6
D2
D3
DB7
D4
DB8
D5
DB9
D6
DB10
0
DB11
D8
DB12
0
DB13
BL1
DB14
BL2
DB15
BL3
DB16
BL4
DB17
BL5
DB18
BL6
DB19
BL7
DB20
BL8
DB21
D10
DB22
D11
DB23
D12
DB24
D13
DB25
D14
DB26
1
DB27
0
DB28
1
DB29
DB30
BL9
BL10
DB31
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
DB22
DB23
DB24
DB25
DB26
DB27
DB28
DB29
DB30
DB31
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
N14
N15
N16
PR1
AC1
0
0
0
0
0
0
0
0
0
0
C1(0)
C2(0)
C3(0)
C4(0)
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F13
F14
F15
F16
F17
F18
F19
F20
F21
F22
F23
F24
0
0
0
0
C1(1)
C2(0)
C3(0)
C4(0)
C1(0)
C2(1)
C3(0)
C4(0)
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F13
F14
C1(0)
C2(0)
C3(1)
C4(0)
C1(1)
C2(1)
C3(0)
C4(0)
U1
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P13
P14
P15
P16
P17
P18
P19
P20
P21
P22
P23
P24
PA1
PR1
SD1
0
U2
U3
U4
U5
U6
CP1
CP2
CP3
CP4
D1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
RD1
RD2
M1
M2
M3
0
0
C1(1)
C2(0)
C3(1)
C4(0)
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
BP1
CONTROL
BITS
RESERVED
RESERVED
RESERVED
RESERVED
MUXOUT
10-BIT R COUNTER
DBR1
DBR1
24-BIT PHASE VALUE (PHASE)
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
24-BIT MAIN FRACTIONAL VALUE (FRAC1)
CONTROL
BITS
CONTROL
BITS
Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com