Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 10Page - Analog Devices ADF4356BCPZ Datasheet HTML 11Page - Analog Devices ADF4356BCPZ Datasheet HTML 12Page - Analog Devices ADF4356BCPZ Datasheet HTML 13Page - Analog Devices ADF4356BCPZ Datasheet HTML 14Page - Analog Devices ADF4356BCPZ Datasheet HTML 15Page - Analog Devices ADF4356BCPZ Datasheet HTML 16Page - Analog Devices ADF4356BCPZ Datasheet HTML 17Page - Analog Devices ADF4356BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 14 of 35
PROGRAM MODES
Table 6 and Figure 28 through Figure 41 show how the program
modes must be set up for the ADF4356.
The following settings in the ADF4356 are double-buffered: main
fractional value (FRAC1), auxiliary modulus value (MOD2),
auxiliary fractional value (FRAC2), reference doubler, reference
divide by 2 (RDIV2), R counter value, and charge pump current
setting. Two events must occur before the ADF4356 uses a new
value for any of the double-buffered settings. First, the new value
must latch into the device by writing to the appropriate register,
and second, a new write to Register 0 must be performed.
For example, to ensure that the modulus value loads correctly,
every time that the modulus value updates, Register 0 must be
written to. The RF divider select in Register 6 is also double
buffered, but only if DB14 of Register 4 is high.
VCO
The VCO core in the ADF4356 consists of four separate VCOs,
each of which uses 256 overlapping bands, which allows the
device to cover a wide frequency range without large VCO
sensitivity (KV) and without resulting poor phase noise and
spurious performance.
The correct VCO and band are chosen automatically by the
VCO and band select logic when Register 0 is updated and auto-
calibration is enabled.
The R counter output is used as the clock for the band select logic.
After band selection, normal PLL action resumes. The nominal
value of KV is 25 MHz/V when the N divider is driven from the
VCO output, or the KV value is divided by D. D is the output
divider value if the N divider is driven from the RF output divider
(chosen by programming Bits[DB23:DB21] in Register 6).
The VCO shows variation of KV as the tuning voltage, VTUNE,
varies within the band and from band to band. For wideband
applications covering a wide frequency range (and changing
output dividers), a value of 25 MHz/V provides the most accurate
KV, because this value is closest to the average value. Figure 24
shows how KV varies with fundamental VCO frequency along with
an average value for the frequency band. Users may prefer this
figure when using narrow-band designs.
AVERAGE
VCO SENSITIVITY
LINEAR
TREND LINE
FREQUENCY (GHz)
0
10
20
30
40
50
3.43.84.24.65.05.4
5.8
6.2
6.6
Figure 24. VCO Sensitivity, KV vs. Frequency
OUTPUT STAGE
The RFOUTA+ and RFOUTA− pins of the ADF4356 connect to
the collectors of an NPN differential pair driven by buffered
outputs of the VCO, as shown in Figure 25. In this scheme,
the ADF4356 contains internal 50 Ω resistors connected to
the VRF pin. To optimize the power dissipation vs. the output
power requirements, the tail current of the differential pair is
programmable using Bits[DB2:DB1] in Register 6. Four current
levels can be set. These levels give approximate output power
levels of −4 dBm, −1 dBm, +2 dBm, and +5 dBm, respectively.
Levels of −4 dBm, −1 dBm, and +2 dBm can be achieved using
a 50 Ω resistor to VRF and ac coupling into a 50 Ω load. For
accurate power levels, refer to the Typical Performance
Characteristics section. An output power of 5 dBm requires an
external shunt inductor to provide higher power levels; however,
this addition results in less wideband performance using the
internal bias only. Terminate the unused complementary output
with a similar circuit to the used output.
VCO
RFOUTA+
RFOUTA–
VRF
VRF
50Ω
50Ω
BUFFER/
DIVIDE BY
1/2/4/8/
16/32/64
Figure 25. Output Stage
Another feature of the ADF4356 is that the supply current to
the RFOUTA+/RFOUTA− output stage can shut down until the
ADF4356 achieves lock as measured by the digital lock detect
circuitry. The mute till lock detect (MTLD) bit (Bit DB11) in
Register 6 enables this function.
The RFOUTB+/RFOUTB− pins are duplicate outputs that can be
used independently or in addition to the RFOUTA+/RFOUTA− pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com