Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 6Page - Analog Devices ADF4356BCPZ Datasheet HTML 7Page - Analog Devices ADF4356BCPZ Datasheet HTML 8Page - Analog Devices ADF4356BCPZ Datasheet HTML 9Page - Analog Devices ADF4356BCPZ Datasheet HTML 10Page - Analog Devices ADF4356BCPZ Datasheet HTML 11Page - Analog Devices ADF4356BCPZ Datasheet HTML 12Page - Analog Devices ADF4356BCPZ Datasheet HTML 13Page - Analog Devices ADF4356BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 10 of 35
10
–10
–8
–6
–4
–2
0
2
4
6
8
1000
2000
3000
4000
5000
6000
7000
TARGET FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 10. Output Power vs. Frequency, RFOUTA+/RFOUTA− (7.4 nH
Inductors, 10 pF AC Coupling Capacitors, Board Measurement)
10
–60
–50
–40
–30
–20
–10
0
1000
2000
3000
4000
5000
6000
7000
TARGET FREQUENCY (MHz)
FIFTH HARMONIC
FOURTH HARMONIC
THIRD HARMONIC
SECOND HARMONIC
Figure 11. RFOUTA+/RFOUTA− Harmonics vs. Frequency (7.4 nH Inductors,
10 pF AC Coupling Capacitors, Board Measurement)
6
–8
–6
–4
–2
0
2
4
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
Figure 12. RFOUTB+/RFOUTB− Power vs. Frequency (100 nH Inductors, 10 pF
AC Coupling Capacitors, Board Measurement)
10
–35
–30
–25
–20
–15
–10
–5
0
5
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
RFOUTB–
RFOUTB+
RFOUTA–
RFOUTA+
Figure 13. RFOUTA+/RFOUTA− Power vs. RFOUTB+/RFOUTB− Power (7.4 nH
Inductors, 10 pF AC Coupling Capacitors, Board Measurement)
250
0
50
100
150
200
0
1000
2000
3000
4000
5000
6000
7000
OUTPUT FREQUENCY (MHz)
1kHz TO 20MHz
12kHz TO 20MHz
Figure 14. RMS Jitter/Noise vs. Output Frequency,
PFD Frequency = 61.44 MHz, Loop Filter = 40 kHz
–40
–110
–100
–90
–80
–70
–60
–50
0
1000
2000
3000
4000
5000
6000
7000
TARGET FREQUENCY (MHz)
PFD = 122.88MHz
PFD = 61.44MHz
PFD = 30.72MHz
Figure 15. PFD Spur Amplitude vs. RFOUTA+/RFOUTA− Output Frequency,
PFD = 30.72 MHz, PFD = 61.44 MHz, PFD = 122.88 MHz, Loop Filter = 40 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com