Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADuCM331WDCPZ Datasheet HTML 1Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 2Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 3Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 4Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 5Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 6Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADuCM330/ADuCM331
Rev. C | Page 3 of 16
GENERAL DESCRIPTION
The ADuCM330/ADuCM331 are fully integrated, 8 kSPS, data
acquisition systems that incorporate dual, high performance
multichannel sigma-delta (Σ-Δ) ADCs, a 32-bit ARM® Cortex™-M3
processor, and flash. The ADuCM330 has 96 kB program flash
and the ADuCM331 has 128 kB program flash. Both devices
have 4 kB data flash.
The ADuCM330/ADuCM331 are complete system solutions
for battery monitoring in 12 V automotive applications. The
ADuCM330/ADuCM331 integrate all of the required features to
precisely and intelligently monitor, process, and diagnose 12 V
battery parameters including battery current, voltage, and
temperature over a wide range of operating conditions.
Minimizing external system components, the devices are
powered directly from a 12 V battery. On-chip, low dropout (LDO)
regulators generate the supply voltage for two integrated Σ-Δ
ADCs. The ADCs precisely measure battery current, voltage, and
temperature to characterize the state of the health and the charge
of the car battery.
The devices operate from an on-chip, 16.384 MHz high frequency
oscillator that supplies the system clock. This clock is routed
through a programmable clock divider from which the core clock
operating frequency is generated. The devices also contain a
32 kHz oscillator for low power operation.
The analog subsystem consists of an ADC with a programmable
gain amplifier (PGA) that allows the monitoring of various current
and voltage ranges. It also includes a precision reference on chip.
The ADuCM330/ADuCM331 integrate a range of on-chip
peripherals that can be configured under core software control
as required in the application. These peripherals include a SPI
serial input/output communication controller, six GPIO pins, one
general-purpose timer, a wake-up timer, and a watchdog timer.
The ADuCM330/ADuCM331 are specifically designed to operate
in battery-powered applications where low power operation is
critical. The microcontroller core can be configured in normal
operating mode, resulting in an overall system current con-
sumption of <18.5 mA when all peripherals are active. The
devices can also be configured in a number of low power operating
modes under direct program control, consuming <100 μA. The
ADuCM330/ADuCM331 also include a LIN physical interface
for single wire, high voltage communications in automotive
environments.
The devices operate from an external 3.6 V to 18 V (on VDD,
Pin 26) voltage supply and is specified over the −40°C to +115°C
temperature range, with additional typical specifications at +115°C
to +125°C.
The information in this data sheet is relevant for silicon
Revisions L6x, where x represents a number between 0 and 9.
For more information and register details for the ADuCM330/
ADuCM331, see the user guide ADuCM330/ADuCM331
Hardware Reference Manual, UG-716.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com