Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 3Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 4Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 5Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 6Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADuCM330/ADuCM331
Rev. C | Page 7 of 16
TA = −40°C to +115°C
TA = +115°C to
+125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Typ
Unit
PROCESSOR START-UP TIME1
At Power-On
Includes kernel power-on execution
time, VDD drops to < 0.8 V
18
ms
Brownout
VDD drops below power on reset
voltage but not below 0.8 V
1.15
ms
After Reset Event
Includes kernel power-on execution
time
1.25
ms
Wake-Up from LIN
0.15
ms
LIN INPUT/OUTPUT GENERAL1
Baud Rate
1000
20,000
Bits/sec
VDD
Supply voltage range for which the
LIN interface is functional
7
18
V
LIN Comparator Response
Time
38
90
µs
LIN DC PARAMETERS
ILIN_DOM_MAX
Current limit for driver when LIN bus is
in dominant state, VBAT = VBAT
(maximum)
40
200
mA
ILIN_PAS_REC1
Driver off, 7.0 V < VBUS < 18 V, VDD =
VLIN − 0.7 V
20
µA
ILIN_PAS_DOM1
Input leakage, VLIN = 0 V, VBAT = 12 V,
driver off
−1
mA
ILIN_NO_GND1, 22
Control unit disconnected from
ground, GND = VDD, 0 V < VLIN <
18 V, VBAT = 12 V
−1
+1
mA
IBUS_NO_BAT1
VBAT disconnected, VDD = GND, 0 V <
VBUS < 18 V
30
µA
VLIN_DOM1
LIN receiver dominant state, VDD > 7.0 V
0.4 × VDD
V
VLIN_REC1
LIN receiver recessive state, VDD > 7.0 V
0.6 VDD
V
VLIN_CNT1
VLIN_CNT = (VTH_DOM + VTH_REC)/2, VDD > 7.0 V
0.475 ×
VDD
0.5 ×
VDD
0.525 ×
VDD
V
VHYS1
VHYS = VTH_REC − VTH_DOM
0.175 ×
VDD
V
VLIN_DOM_DRV_LOSUP1
LIN dominant output voltage, VDD =
7.0 V
RL = 500 Ω
1.2
V
RL = 1000 Ω
0.6
V
VLIN_DOM_DRV_HISUP1
LIN dominant output voltage, VDD =
18 V
RL = 500 Ω
2
V
RL = 1000 Ω
0.8
V
VLIN_RECESSIVE1
LIN recessive output voltage
0.8 × VDD
V
VBAT Shift1,22
0
0.115 ×
VDD
V
GND Shift1,22
0
0.115 ×
VDD
V
RSLAVE
Slave termination resistance
20
30
47
30
kΩ
VSERIAL_DIODE1
Voltage drop at the serial diode,
DSer_Int
0.4
0.7
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com