Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 14Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 15Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADuCM330/ADuCM331
Data Sheet
Rev. C | Page 16 of 16
OUTLINE DIMENSIONS
1
0.50
BSC
PIN 1
INDICATOR
32
9
16
17
24
25
8
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.15 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
1.00
0.95
0.85
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.70
0.60
0.50
0.20 MIN
*3.90
3.80 SQ
3.70
*COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-7
WITH THE EXCEPTION OF THE EXPOSED PAD DIMENSION.
TOP VIEW
EXPOSED
PAD
BOTTOM VIEW
Figure 4. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
6 mm × 6 mm Body, Very Thin Quad
(CP-32-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature
Range3
Program Flash/
Data Flash/SRAM
Package Description
Package
Option
ADuCM330WDCPZ
−40°C to +115°C
96 kB/4 kB/6 kB
32-Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-15
ADuCM330WDCPZ-RL
−40°C to +115°C
96 kB/4 kB/6 kB
32-Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-15
ADuCM331WDCPZ
−40°C to +115°C
128 kB/4 kB/6 kB
32-Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-15
ADuCM331WDCPZ-RL
−40°C to +115°C
128 kB/4 kB/6 kB
32-Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-15
EVAL-ADUCM331QSPZ
Socketed Evaluation Board with Switches and LEDs
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 The ADuCM330/ADuCM331 are functional but have degraded performance at temperatures from 115°C to 125°C.
AUTOMOTIVE PRODUCTS
The ADuCM330W/ADuCM331W models are available with controlled manufacturing to support the quality and reliability requirements
of automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11153-0-10/15(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com