Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 6Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADuCM330/ADuCM331
Data Sheet
Rev. C | Page 10 of 16
ABSOLUTE MAXIMUM RATINGS
The ADuCM330/ADuCM331 operate directly from the 12 V
battery supply and is fully specified over the −40°C to +115°C
temperature range, unless otherwise noted.
Table 2.
Parameter
Rating
AGND to DGND to VSS to IO_VSS
−0.3 V to +0.3 V
VBAT to AGND
−22 V to +40 V
VDD to VSS
−0.3 V to +40 V
LIN to IO_VSS
−18 V to +40 V
Digital Input/Output Voltage to DGND
−0.3 V to DVDD33 + 0.3 V
ADC Inputs to AGND
−0.3 V to AVDD18 + 0.3 V
ESD (Human Body Model) Rating
HBM-ADI0082 (Based on ANSI/ ESD
STM5.1-2007)
All Pins Except LIN and VBAT
±2.0 kV
LIN
±6 kV
VBAT
±4 kV
IEC 61000-4-2
LIN and VBAT
±8 kV
Storage Temperature Range
−55°C to +150°C
Junction Temperature
Transient
150°C
Continuous
130°C
Lead Temperature
Soldering Reflow1
260°C
Lifetime2
Normal Mode
480 hours at −40°C
1600 hours at +23°C
5200 hours at +60°C
640 hours at +85°C
80 hours at +105°C
Standby Mode
12,648 hours at −40°C
60,000 hours at +25°C
50,000 hours at +50°C
1
JEDEC standard J-STD-020.
2
Using an activation energy of 0.7 eV, verified using high temperature
operating life (HTOL) at 125°C for 1000 hours.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com