Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 14Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADuCM330/ADuCM331
Rev. C | Page 11 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT THIS PIN.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE
SOLDERED TO GROUND FOR THERMAL REASONS.
1
DNC
2
DGND
3
DVDD18
4
DVDD33
5
33VDD
6
AVDD18
7
AGND
8
VREF
24
23
22
21
20
19
18
17
RESET
SWDIO
SWCLK
GPIO0/CS/LIN_RX
GPIO1/SCLK/LIN_TX
GPIO2/MISO
GPIO3/IRQ0/MOSI/LC_TX/LIN_TX
GPIO4/IRQ1/LC_RX/ECLKIN/LIN_RX
TOP VIEW
(Not to Scale)
ADuCM330/
ADuCM331
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
RESET
I
Reset Input Pin. Active low. This pin has an internal pull-up resistor to 33VDD.
2
SWDIO
I/O
Cortex-M3 Debug Data Input and Output Channel. At power-on, this output is disabled and
pulled high via an internal pull-up resistor. This pin can be left unconnected when not in use.
3
SWCLK
I
Cortex-M3 Debug Clock Input. This is an input pin only and has an internal pull-up resistor. This
pin can be left unconnected when not in use.
4
GPIO0/CS/LIN_RX
I/O
General-Purpose Input/Output 0 (P0.0) (GPIO0). By default, this pin is configured as an input.
The pin has an internal 25 kΩ pull-up resistor to 33VDD and, when not in use, can be left
unconnected.
Chip Select (CS). When configured, this pin also operates the SPI chip select input.
Local Interconnect Network Receiver (Rx) (LIN_RX). This pin can be configured as the Rx pin for
LIN frames in external transceiver mode.
5
GPIO1/SCLK/LIN_TX
I/O
General-Purpose Input/Output 1 (P0.1) (GPIO1). By default, this pin is configured as an input.
This pin is used by the kernel in external mode. See the ADuCM330/ADuCM331 hardware
reference manual for more information. The pin has an internal 25 kΩ pull-up resistor to 33VDD
and, when not in use, can be left unconnected.
Serial Clock Input (SCLK). When configured, this pin operates the SPI serial clock input.
Local Interconnect Network Transmitter (Tx) (LIN_TX). This pin can be configured as the Tx pin
for LIN frames in external transceiver mode.
6
GPIO2/MISO
I/O
General-Purpose Input/Output 2 (P0.2) (GPIO2). By default, this pin is configured as an input. The pin
has an internal 25 kΩ pull-up resistor to 33VDD and, when not in use, can be left unconnected.
Master Input/Slave Output (MISO). When configured, this pin also operates the SPI master
input/slave output.
7
GPIO3/IRQ0/MOSI/
LC_TX/LIN_TX
I/O
General-Purpose Input/Output 3 (P0.3) (GPIO3). By default, this pin is configured as an input.
This pin is used by the kernel in external mode. See the ADuCM330/ADuCM331 hardware
reference manual for more information. The pin has an internal 25 kΩ pull-up resistor to 33VDD
and, when not in use, can be left unconnected.
Interrupt Request (IRQ0). This pin can also be configured as External Interrupt Request 0.
Master Output/Slave Input (MOSI). This pin can be configured as an SPI master output/slave
input pin.
LIN Conformance Tx (LC_TX). This pin can be connected to the LIN physical Tx for LIN
conformance testing.
Local Interconnect Network Tx (LIN_TX). This pin can also be connected as the Tx pin for LIN
frames in external transceiver mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com