Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 14Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 15Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADuCM330/ADuCM331
Rev. C | Page 15 of 16
RECOMMENDED SCHEMATIC
Figure 3 shows external components recommended for proper operation of the ADuCM330/ADuCM331.
*LIN 2.2 PHYSICAL TEST PASSED WITH 220pF CAPACITOR.
27
26
12
13
31
33
29
30
23
18
24
25
10µF
10nF
100nF
100nF
100nF
10nF
1nF
10nF
IIN–
14
IIN–_AUX
11
IIN+_AUX
17
VREF
15
VINP_AUX
16
VINM_AUX
IIN+
100µΩ
SHUNT
VBAT
VDD
VBAT
4
5
6
7
8
32
2
3
10
AVDD18
VTEMP
9
GND_SW
20
28
1
33VDD
21
DVDD33
LIN
RESET
DVDD33
1µF
*
22
DVDD18
0.47µF
0.47µF
19
AVDD18
100nF
1kΩ
ECU
MASTER
PESD1LIN
(OPTIONAL)
LIN
220Ω
100kΩ
220Ω
1kΩ
10kΩ
NTC
0.47µF
ADuCM330/
ADuCM331
OPTIONAL
Figure 3. Recommended Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com