Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 2Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 3Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 4Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 5Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 6Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADuCM330/ADuCM331
Data Sheet
Rev. C | Page 6 of 16
TA = −40°C to +115°C
TA = +115°C to
+125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Typ
Unit
ADC DIAGNOSTICS
AVDD18/136 Accuracy1,2, 17
At any gain setting
12
14
13
mV
Voltage Attenuator Current
Source Accuracy
Differential voltage increase on the
attenuator when current is on
2.4
3.2
2.8
V
RESISTIVE ATTENUATOR
Divider Ratio
24
Resistor Mismatch Drift
Implicit in the voltage channel gain error
specification
±3
ppm/°C
ADC GROUND SWITCH
Resistor to Ground
45
60
75
kΩ
TEMPERATURE SENSOR1, 18
Processor in hibernate mode
Accuracy
TA = 115°C to 125°C
−3.5
±1
+3.5
±1
°C
TA = −40°C to +115°C
−3
±1
+3
°C
TA = −25°C to +85°C
−2.5
±0.5
+2.5
°C
TA = −10°C to +55°C
−2
±0.5
+2
°C
POWER-ON RESET (POR)1
Refers to voltage at the VDD pin
POR Trip Level
2.8
3.1
3.4
3.3
V
POR Hysteresis
0.1
V
LOW VOLTAGE FLAG (LVF)
LVF Level
Refers to voltage at the VDD pin
2.6
2.75
3.00
V
WATCHDOG TIMER (WDT)
Shortest Timeout Period
32,768 Hz clock with a prescaler of 1
30.5
30.5
µs
Longest Timeout Period
32,768 Hz clock with a prescaler of 4096
8192
8192
sec
FLASH/EE MEMORY
Endurance19
10,000
Cycles
Data Retention20
20
Years
LOGIC INPUTS1
Input Voltage
Low, VINL
0.4
V
High, VINH
2.0
V
LOGIC OUTPUTS1
All logic outputs, measured with
±1 mA load
Output Voltage
High, VOH
33VDD −
0.4
V
Low, VOL
0.4
V
DIGITAL INPUTS1
All digital inputs except RESET,
SWDIO, and SWCLK
Logic 1 Input Current (Leakage
Current)
VINH = 3.3 V
±1
±10
µA
Logic 0 Input Current (Leakage
Current)
VINL = 0 V
±1
±10
µA
Input Capacitance
10
pF
ON-CHIP OSCILLATORS
Low Frequency Oscillator
(LFOSC)
32,768
Hz
Accuracy
±5
%
After a calibration from HFOSC
−6
+6
%
High Frequency Oscillator
(HFOSC)
16.384
MHz
Accuracy (LINCAL)1, 21
−0.75
±0.5
+0.75
%
Accuracy (High Precision
Mode)
−1
+1
%
Accuracy (Low Precision
Mode)
−3
+3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com