Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 14Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 15Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADuCM330/ADuCM331
Rev. C | Page 13 of 16
TERMINOLOGY
Conversion Rate
The conversion rate specifies the rate at which an output result
is available from the ADC, after the ADC has settled.
The Σ-Δ conversion techniques used on this device means that
although the ADC front-end signal is oversampled at a relatively
high sample rate, a subsequent digital filter is used to decimate
the output, giving a valid 20-bit data conversion result at output
rates from 1 Hz to 8 kHz.
Note that, when software switches from one input to another
(on the same ADC), the digital filter must first be cleared and
then allowed to average a new result. Depending on the con-
figuration of the ADC and the type of filter, this averaging can
require multiple conversion cycles.
Integral Nonlinearity (INL)
INL is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The
endpoints of the transfer function are zero scale, a point ½ LSB
below the first code transition, and full scale, a point ½ LSB
above the last code transition (111…110 to 111…111). The
error is expressed as a percentage of full scale.
Positive INL is defined as the deviation from a straight line
through ½ LSB above midscale code transition to ½ LSB above
the last code transition.
Negative INL is defined as the deviation from a straight line
from a point ½ LSB below the first code transition to a point
½ LSB above the midscale code transition.
No Missing Codes
No missing codes is a measure of the differential nonlinearity of
the ADC. The error is expressed in bits and specifies the number
of codes (ADC results) as 2N bits, where N = no missing codes,
guaranteed to occur through the full ADC input range.
Offset Error
Offset error is the deviation of the first code transition ADC
input voltage from the ideal first code transition.
Offset Error Drift
Offset error drift is the variation in absolute offset error with
respect to temperature. This error is expressed as LSB/°C or nV/°C.
Gain Error
Gain error is a measure of the span error of the ADC. It is a
measure of the difference between the measured and the ideal
span between any two points in the transfer function.
Output Noise
The output noise is specified as the standard deviation (or 1 × Σ)
of ADC output codes distribution collected when the ADC
input voltage is at a dc voltage. It is expressed as μV rms or
nV rms. The output, or rms noise, is used to calculate the
effective resolution of the ADC as defined by the following
equation:
Effective Resolution = log2(Full-Scale Range/rms Noise) bits
The peak-to-peak noise is defined as the deviation of codes that fall
within 6.6 × Σ of the distribution of ADC output codes collected
when the ADC input voltage is at dc. The peak-to-peak noise is
therefore calculated as 6.6 × the rms noise.
The peak-to-peak noise can be used to calculate the ADC (noise
free, code) resolution for which there is no code flicker within a
6.6 × Σ limit as defined by the following equation:
Noise Free Code Resolution = log2(Full-Scale Range/Peak-
to-Peak Noise) bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com