Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 14Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 15Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADuCM330/ADuCM331
Data Sheet
Rev. C | Page 14 of 16
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the ADuCM330/ADuCM331
on a printed circuit board (PCB), it is recommended that the
designer become familiar with the following guidelines that
describe any special circuit considerations and layout
requirements needed.
POWER AND GROUND RECOMMENDATIONS
Place capacitors that are connecting to the ADuCM330/
ADuCM331 as close to the pins of the device as possible, with
minimal trace length.
Capacitors connected to the 33VDD, AVDD18, and DVDD18
pins must have a low equivalent series resistance (ESR) rating.
All components must be rated accordingly to the temperature
range expected by the application.
EXPOSED PAD THERMAL RECOMMENDATIONS
It is required that the exposed pad on the underside of the
ADuCM330/ADuCM331 be connected to ground to achieve
the best electrical and thermal performance. It is recommended
that the user connect an exposed continuous copper plane on
the PCB to the ADuCM330/ADuCM331 exposed pad, and that
the copper plane has several vias to achieve the lowest possible
resistive thermal path for heat dissipation to flow through the
bottom of the PCB. It is recommended that these vias be solder
filled or plugged.
GENERAL RECOMMENDATIONS
It is highly recommended to use the schematic given with
component values specified (see Figure 3). The component
values shown in Figure 3 are chosen from the characterization
tests and evaluated for optimum performance of the ADuCM330/
ADuCM331.
Configure the GPIOs as inputs with pull-up resistors enabled to
obtain the lowest possible current consumption in hibernate mode.
Set the Cortex-M3 core clock speed to the minimum required
to meet the application requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com