Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 75 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 75 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 71Page - Cypress Semiconductor MB95F613K Datasheet HTML 72Page - Cypress Semiconductor MB95F613K Datasheet HTML 73Page - Cypress Semiconductor MB95F613K Datasheet HTML 74Page - Cypress Semiconductor MB95F613K Datasheet HTML 75Page - Cypress Semiconductor MB95F613K Datasheet HTML 76Page - Cypress Semiconductor MB95F613K Datasheet HTML 77Page - Cypress Semiconductor MB95F613K Datasheet HTML 78Page - Cypress Semiconductor MB95F613K Datasheet HTML 79Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 75 of 110
PRELIMINARY
MB95610H Series
18. Electrical Characteristics
18.1 Absolute Maximum Ratings
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS 0.3
VSS  6V
Input voltage*1
VI
VSS 0.3
VSS  6V
*2
Output voltage*1
VO
VSS 0.3
VSS  6V
*2
Maximum clamp current
ICLAMP
2
2
mA
Applicable to specific pins*3
Total maximum clamp current
|ICLAMP|
—
20
mA
Applicable to specific pins*3
“L” level maximum output
current
IOL
—15
mA
“L” level average current
IOLAV
—4
mA
Average output current =
operating current
 operating ratio (1 pin)
“L” level total maximum output
current
IOL
—
100
mA
“L” level total average output
current
IOLAV
—50
mA
Total average output current =
operating current
 operating ratio
(Total number of pins)
“H” level maximum output
current
IOH
—
15
mA
“H” level average current
IOHAV
—
4mA
Average output current =
operating current
 operating ratio (1 pin)
“H” level total maximum output
current
IOH
—
100
mA
“H” level total average output
current
IOHAV
—
50
mA
Total average output current =
operating current
 operating ratio
(Total number of pins)
Power consumption
Pd
—
320
mW
Operating temperature
TA
40
85
C
Storage temperature
Tstg
55
150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com