Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 88Page - Cypress Semiconductor MB95F613K Datasheet HTML 89Page - Cypress Semiconductor MB95F613K Datasheet HTML 90Page - Cypress Semiconductor MB95F613K Datasheet HTML 91Page - Cypress Semiconductor MB95F613K Datasheet HTML 92Page - Cypress Semiconductor MB95F613K Datasheet HTML 93Page - Cypress Semiconductor MB95F613K Datasheet HTML 94Page - Cypress Semiconductor MB95F613K Datasheet HTML 95Page - Cypress Semiconductor MB95F613K Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 92 of 110
PRELIMINARY
MB95610H Series
18.4.6 Low-voltage Detection
(VSS = 0.0 V, TA = 40 °C to 85 °C)
*: The release voltage and the detection voltage can be selected by using the LVD reset voltage selection ID register (LVDR) in the
low-voltage detection reset circuit. For details of the LVDR register, refer to “CHAPTER 16 LOW-VOLTAGE DETECTION RESET
CIRCUIT” in “New 8FX MB95610H Series Hardware Manual”.
(Continued)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Release voltage*
VDL
2.52
2.7
2.88
V
At power supply rise
2.61
2.8
2.99
2.89
3.1
3.31
3.08
3.3
3.52
Detection voltage*
VDL
2.43
2.6
2.77
V
At power supply fall
2.52
2.7
2.88
2.80
3
3.20
2.99
3.2
3.41
Hysteresis width
VHYS
——
100
mV
Power supply start voltage
Voff
——
2.3
V
Power supply end voltage
Von
4.9
—
—
V
Power supply voltage change
time
(at power supply rise)
tr
650
—
—
µs
Slope of power supply that the reset release
signal generates within the rating (VDL+)
Power supply voltage change
time
(at power supply fall)
tf
650
—
—
µs
Slope of power supply that the reset release
signal generates within the rating (VDL-)
Reset release delay time
td1
——
30
µs
Reset detection delay time
td2
——
30
µs
LVD reset threshold voltage
transition stabilization time
tstb
10
—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com