Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 94 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 94 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 90Page - Cypress Semiconductor MB95F613K Datasheet HTML 91Page - Cypress Semiconductor MB95F613K Datasheet HTML 92Page - Cypress Semiconductor MB95F613K Datasheet HTML 93Page - Cypress Semiconductor MB95F613K Datasheet HTML 94Page - Cypress Semiconductor MB95F613K Datasheet HTML 95Page - Cypress Semiconductor MB95F613K Datasheet HTML 96Page - Cypress Semiconductor MB95F613K Datasheet HTML 97Page - Cypress Semiconductor MB95F613K Datasheet HTML 98Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 94 of 110
PRELIMINARY
MB95610H Series
18.4.7 I2C Bus Interface Timing
(VCC = 5.0 V10%, VSS = 0.0 V, TA = 40 °C to 85 °C)
*1: R represents the pull-up resistor of the SCL and SDA lines, and C the load capacitor of the SCL and SDA lines.
*2: The maximum tHD;DAT in the Standard-mode is applicable only when the time during which the device is holding the SCL signal
at “L” (tLOW) does not extend.
*3: A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, provided that the condition of tSU;DAT  250 ns is
fulfilled.
Parameter
Symbol
Pin name
Condition
Value
Unit
Standard-mod
e
Fast-mode
Min
Max
Min
Max
SCL clock frequency
fSCL
SCL
R = 1.7 k
,
C = 50 pF*1
0
100
0
400
kHz
(Repeated) START condition hold time
SDA
 SCL 
tHD;STA
SCL, SDA
4.0
—
0.6
—
µs
SCL clock “L” width
tLOW
SCL
4.7
—
1.3
—
µs
SCL clock “H” width
tHIGH
SCL
4.0
—
0.6
—
µs
(Repeated) START condition setup time
SCL
 SDA 
tSU;STA
SCL, SDA
4.7
—
0.6
—
µs
Data hold time
SCL
 SDA 
tHD;DAT
SCL, SDA
0
3.45*2
00.9*3
µs
Data setup time
SDA
 SCL 
tSU;DAT
SCL, SDA
0.25
—
0.1
—
µs
STOP condition setup time
SCL
  SDA 
tSU;STO
SCL, SDA
4
—
0.6
—
µs
Bus free time between STOP condition and
START condition
tBUF
SCL, SDA
4.7
—
1.3
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com