Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 28Page - Cypress Semiconductor MB95F613K Datasheet HTML 29Page - Cypress Semiconductor MB95F613K Datasheet HTML 30Page - Cypress Semiconductor MB95F613K Datasheet HTML 31Page - Cypress Semiconductor MB95F613K Datasheet HTML 32Page - Cypress Semiconductor MB95F613K Datasheet HTML 33Page - Cypress Semiconductor MB95F613K Datasheet HTML 34Page - Cypress Semiconductor MB95F613K Datasheet HTML 35Page - Cypress Semiconductor MB95F613K Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 32 of 110
PRELIMINARY
MB95610H Series
(Continued)
■ R/W access symbols
■ Initial value symbols
Note: Do not write to an address that is “(Disabled)”. If a “(Disabled)” address is read, an indeterminate value is returned.
Address
Register
abbreviation
Register name
R/W
Initial value
0x0FB7
LCDCE6
LCDC enable register 6
R/W
0b00000000
0x0FB8
LCDCE7
LCDC enable register 7
R/W
0b00000000
0x0FB9
LCDCE8
LCDC enable register 8
R/W
0b00000000
0x0FBA
LCDCE9
LCDC enable register 9
R/W
0b00000000
0x0FBB
LCDCB1
LCDC blinking setting register 1
R/W
0b00000000
0x0FBC
LCDCB2
LCDC blinking setting register 2
R/W
0b00000000
0x0FBD
to
0x0FE0
LCDRAM
LCDC display RAM
4 COM mode: 0x0FBD to 0x0FD6 (26 bytes)
8 COM mode: 0x0FC1 to 0x0FE0 (32 bytes)
R/W
0b00000000
0x0FE1
—
(Disabled)
—
—
0x0FE2
EVCR
Event counter control register
R/W
0bXXXXXXX0
0x0FE3
WCDR
Watch counter data register
R/W
0b00111111
0x0FE4
CRTH
Main CR clock trimming register (upper)
R/W
0b000XXXXX
0x0FE5
CRTL
Main CR clock trimming register (lower)
R/W
0b000XXXXX
0x0FE6
—
(Disabled)
—
—
0x0FE7
CRTDA
Main CR clock temperature dependent adjustment register
R/W
0b000XXXXX
0x0FE8
SYSC
System configuration register
R/W
0b11000011
0x0FE9
CMCR
Clock monitoring control register
R/W
0b00000000
0x0FEA
CMDR
Clock monitoring data register
R
0b00000000
0x0FEB
WDTH
Watchdog timer selection ID register (upper)
R
0bXXXXXXXX
0x0FEC
WDTL
Watchdog timer selection ID register (lower)
R
0bXXXXXXXX
0x0FED,
0x0FEE
—
(Disabled)
—
—
0x0FEF
WICR
Interrupt pin selection circuit control register
R/W
0b01000000
0x0FF0
to
0x0FFF
LCDRAM
LCDC display RAM
4 COM mode: Unused
8 COM mode: 0x0FF0 to 0x0FFF (16 bytes)
R/W
0b00000000
R/W
: Readable/Writable
R
: Read only
0
: The initial value of this bit is “0”.
1
: The initial value of this bit is “1”.
X
: The initial value of this bit is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com