Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 18Page - Cypress Semiconductor MB95F613K Datasheet HTML 19Page - Cypress Semiconductor MB95F613K Datasheet HTML 20Page - Cypress Semiconductor MB95F613K Datasheet HTML 21Page - Cypress Semiconductor MB95F613K Datasheet HTML 22Page - Cypress Semiconductor MB95F613K Datasheet HTML 23Page - Cypress Semiconductor MB95F613K Datasheet HTML 24Page - Cypress Semiconductor MB95F613K Datasheet HTML 25Page - Cypress Semiconductor MB95F613K Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 22 of 110
PRELIMINARY
MB95610H Series
■ C pin
Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. The decoupling capacitor for the VCC pin must have
a capacitance equal to or larger than the capacitance of CS. For the connection to a decoupling capacitor CS, see the diagram below.
To prevent the device from unintentionally entering a mode to which the device is not set to transit due to noise, minimize the distance
between the C pin and CS and the distance between CS and the VSS pin when designing the layout of a printed circuit board.
■ Note on serial communication
In serial communication, reception of wrong data may occur due to noise or other causes. Therefore, design a printed circuit board
to prevent noise from occurring. Taking account of the reception of wrong data, take measures such as adding a checksum to the end
of data in order to detect errors. If an error is detected, retransmit the data.
C
Cs
DBG
RST
■ DBG/RST/C pins connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com