Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 78 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 74Page - Cypress Semiconductor MB95F613K Datasheet HTML 75Page - Cypress Semiconductor MB95F613K Datasheet HTML 76Page - Cypress Semiconductor MB95F613K Datasheet HTML 77Page - Cypress Semiconductor MB95F613K Datasheet HTML 78Page - Cypress Semiconductor MB95F613K Datasheet HTML 79Page - Cypress Semiconductor MB95F613K Datasheet HTML 80Page - Cypress Semiconductor MB95F613K Datasheet HTML 81Page - Cypress Semiconductor MB95F613K Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 78 of 110
PRELIMINARY
MB95610H Series
18.3 DC Characteristics
(VCC = 5.0 V10%, VSS = 0.0 V, TA = 40 C to 85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level input
voltage
VIHI
P15, P23, P26, P27
—
0.7 VCC
—VCC  0.3
V
Hysteresis input
VIHS
P00 to P07,
P12 to P14,
P20 to P22,
P24, P25,
P30 to P37,
P50 to P52,
P90 to P94,
PF0 to PF2,
PG1, PG2
—0.8 VCC
—VCC  0.3
V
Hysteresis input
“L” level input
voltage
VILI
P15, P23, P26, P27
—
VSS 0.3
—
0.3 VCC
V
Hysteresis input
VILS
P00 to P07,
P12 to P14,
P20 to P22,
P24, P25,
P30 to P37,
P50 to P52,
P90 to P94,
PF0 to PF2,
PG1, PG2,
—VSS 0.3
—
0.2 VCC
V
Hysteresis input
Open-drain
output
application
voltage
VD
P12, PF2
—
VSS 0.3
—
Vss
 5.5
V
“H” level output
voltage
VOH
P00 to P07,
P13 to P15,
P20 to P27,
P30 to P37,
P50 to P52,
P90 to P94,
PF0, PF1,
PG1, PG2
IOH = 4 mA
VCC 0.5
—
—
V
“L” level output
voltage
VOL
P00 to P07,
P12 to P15,
P20 to P27,
P30 to P37,
P50 to P52,
P90 to P94,
PF0 to PF2,
PG1, PG2
IOL = 4 mA
—
—
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com