Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 7Page - Cypress Semiconductor MB95F613K Datasheet HTML 8Page - Cypress Semiconductor MB95F613K Datasheet HTML 9Page - Cypress Semiconductor MB95F613K Datasheet HTML 10Page - Cypress Semiconductor MB95F613K Datasheet HTML 11Page - Cypress Semiconductor MB95F613K Datasheet HTML 12Page - Cypress Semiconductor MB95F613K Datasheet HTML 13Page - Cypress Semiconductor MB95F613K Datasheet HTML 14Page - Cypress Semiconductor MB95F613K Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 11 of 110
PRELIMINARY
MB95610H Series
(Continued)
Pin no. Pin name I/O circuit type*1
Function
I/O type
Input
Output OD*2 PU*3
49
SEG20
H
LCDC SEG20 output pin
Hysteresis
LCD
—
—
50
SEG21
H
LCDC SEG21 output pin
Hysteresis
LCD
—
—
51
SEG22
H
LCDC SEG22 output pin
Hysteresis
LCD
—
—
52
SEG23
H
LCDC SEG23 output pin
Hysteresis
LCD
—
—
53
SEG24
H
LCDC SEG24 output pin
Hysteresis
LCD
—
—
54
SEG25
H
LCDC SEG25 output pin
Hysteresis
LCD
—
—
55
SEG26
H
LCDC SEG26 output pin
Hysteresis
LCD
—
—
56
SEG27
H
LCDC SEG27 output pin
Hysteresis
LCD
—
—
57
SEG28
H
LCDC SEG28 output pin
Hysteresis
LCD
—
—
58
SEG29
H
LCDC SEG29 output pin
Hysteresis
LCD
—
—
59
SEG30
H
LCDC SEG30 output pin
Hysteresis
LCD
—
—
60
SEG31
H
LCDC SEG31 output pin
Hysteresis
LCD
—
—
61
P04
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG32
LCDC SEG32 output pin
62
P05
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG33
LCDC SEG33 output pin
ADTG
8/10-bit A/D converter trigger input pin
63
P06
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG34
LCDC SEG34 output pin
PPG10
8/16-bit PPG ch. 1 output pin
64
P07
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG35
LCDC SEG35 output pin
PPG11
8/16-bit PPG ch. 1 output pin
65
P30
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG36
LCDC SEG36 output pin
INT04
External interrupt input pin
66
P31
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG37
LCDC SEG37 output pin
INT05
External interrupt input pin
67
P32
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG38
LCDC SEG38 output pin
INT06
External interrupt input pin
68
P33
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG39
LCDC SEG39 output pin
INT07
External interrupt input pin
69
P34
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG40
LCDC SEG40 output pin
TO11
8/16-bit composite timer ch. 1 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com