Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 27Page - Cypress Semiconductor MB95F613K Datasheet HTML 28Page - Cypress Semiconductor MB95F613K Datasheet HTML 29Page - Cypress Semiconductor MB95F613K Datasheet HTML 30Page - Cypress Semiconductor MB95F613K Datasheet HTML 31Page - Cypress Semiconductor MB95F613K Datasheet HTML 32Page - Cypress Semiconductor MB95F613K Datasheet HTML 33Page - Cypress Semiconductor MB95F613K Datasheet HTML 34Page - Cypress Semiconductor MB95F613K Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 31 of 110
PRELIMINARY
MB95610H Series
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0x0F94
T01DR
8/16-bit composite timer 01 data register
R/W
0b00000000
0x0F95
T00DR
8/16-bit composite timer 00 data register
R/W
0b00000000
0x0F96
TMCR0
8/16-bit composite timer 00/01 timer mode control register
R/W
0b00000000
0x0F97
T11CR0
8/16-bit composite timer 11 status control register 0
R/W
0b00000000
0x0F98
T10CR0
8/16-bit composite timer 10 status control register 0
R/W
0b00000000
0x0F99
T11DR
8/16-bit composite timer 11 data register
R/W
0b00000000
0x0F9A
T10DR
8/16-bit composite timer 10 data register
R/W
0b00000000
0x0F9B
TMCR1
8/16-bit composite timer 10/11 timer mode control register
R/W
0b00000000
0x0F9C
PPS01
8/16-bit PPG01 cycle setting buffer register
R/W
0b11111111
0x0F9D
PPS00
8/16-bit PPG00 cycle setting buffer register
R/W
0b11111111
0x0F9E
PDS01
8/16-bit PPG01 duty setting buffer register
R/W
0b11111111
0x0F9F
PDS00
8/16-bit PPG00 duty setting buffer register
R/W
0b11111111
0x0FA0
PPS11
8/16-bit PPG11 cycle setting buffer register
R/W
0b11111111
0x0FA1
PPS10
8/16-bit PPG10 cycle setting buffer register
R/W
0b11111111
0x0FA2
PDS11
8/16-bit PPG11 duty setting buffer register
R/W
0b11111111
0x0FA3
PDS10
8/16-bit PPG10 duty setting buffer register
R/W
0b11111111
0x0FA4
PPGS
8/16-bit PPG start register
R/W
0b00000000
0x0FA5
REVC
8/16-bit PPG output inversion register
R/W
0b00000000
0x0FA6
TMRH0
16-bit reload timer timer register (upper) ch. 0
R/W
0b00000000
TMRLRH0
16-bit reload timer reload register (upper) ch. 0
0x0FA7
TMRL0
16-bit reload timer timer register (lower) ch. 0
R/W
0b00000000
TMRLRL0
16-bit reload timer reload register (lower) ch. 0
0x0FA8
PSSR0
UART/SIO dedicated baud rate generator prescaler select register ch. 0
R/W
0b00000000
0x0FA9
BRSR0
UART/SIO dedicated baud rate generator baud rate setting register ch.
0
R/W
0b00000000
0x0FAA
PSSR1
UART/SIO dedicated baud rate generator prescaler select register ch. 1
R/W
0b00000000
0x0FAB
BRSR1
UART/SIO dedicated baud rate generator baud rate setting register ch.
1
R/W
0b00000000
0x0FAC
to
0x0FAE
—
(Disabled)
—
—
0x0FAF
AIDRL
A/D input disable register (lower)
R/W
0b00000000
0x0FB0
LCDCC1
LCDC control register 1
R/W
0b00000000
0x0FB1
—
(Disabled)
—
—
0x0FB2
LCDCE1
LCDC enable register 1
R/W
0b00111110
0x0FB3
LCDCE2
LCDC enable register 2
R/W
0b00000000
0x0FB4
LCDCE3
LCDC enable register 3
R/W
0b00000000
0x0FB5
LCDCE4
LCDC enable register 4
R/W
0b00000000
0x0FB6
LCDCE5
LCDC enable register 5
R/W
0b00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com