Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 26Page - Cypress Semiconductor MB95F613K Datasheet HTML 27Page - Cypress Semiconductor MB95F613K Datasheet HTML 28Page - Cypress Semiconductor MB95F613K Datasheet HTML 29Page - Cypress Semiconductor MB95F613K Datasheet HTML 30Page - Cypress Semiconductor MB95F613K Datasheet HTML 31Page - Cypress Semiconductor MB95F613K Datasheet HTML 32Page - Cypress Semiconductor MB95F613K Datasheet HTML 33Page - Cypress Semiconductor MB95F613K Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 30 of 110
PRELIMINARY
MB95610H Series
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0x0062
IBSR0
I2C bus status register ch. 0
R/W
0b00000000
0x0063
IDDR0
I2C data register ch. 0
R/W
0b00000000
0x0064
IAAR0
I2C address register ch. 0
R/W
0b00000000
0x0065
ICCR0
I2C clock control register ch. 0
R/W
0b00000000
0x0066
to
0x006B
—
(Disabled)
—
—
0x006C
ADC1
8/10-bit A/D converter control register 1
R/W
0b00000000
0x006D
ADC2
8/10-bit A/D converter control register 2
R/W
0b00000000
0x006E
ADDH
8/10-bit A/D converter data register (upper)
R/W
0b00000000
0x006F
ADDL
8/10-bit A/D converter data register (lower)
R/W
0b00000000
0x0070
WCSR
Watch counter status register
R/W
0b00000000
0x0071
FSR2
Flash memory status register 2
R/W
0b00000000
0x0072
FSR
Flash memory status register
R/W
0b000X0000
0x0073
SWRE0
Flash memory sector write control register 0
R/W
0b00000000
0x0074
FSR3
Flash memory status register 3
R
0b000XXXXX
0x0075
FSR4
Flash memory status register 4
R/W
0b00000000
0x0076
WREN
Wild register address compare enable register
R/W
0b00000000
0x0077
WROR
Wild register data test setting register
R/W
0b00000000
0x0078
—
Mirror of register bank pointer (RP) and direct bank pointer (DP)
—
—
0x0079
ILR0
Interrupt level setting register 0
R/W
0b11111111
0x007A
ILR1
Interrupt level setting register 1
R/W
0b11111111
0x007B
ILR2
Interrupt level setting register 2
R/W
0b11111111
0x007C
ILR3
Interrupt level setting register 3
R/W
0b11111111
0x007D
ILR4
Interrupt level setting register 4
R/W
0b11111111
0x007E
ILR5
Interrupt level setting register 5
R/W
0b11111111
0x007F
—
(Disabled)
—
—
0x0F80
WRARH0
Wild register address setting register (upper) ch. 0
R/W
0b00000000
0x0F81
WRARL0
Wild register address setting register (lower) ch. 0
R/W
0b00000000
0x0F82
WRDR0
Wild register data setting register ch. 0
R/W
0b00000000
0x0F83
WRARH1
Wild register address setting register (upper) ch. 1
R/W
0b00000000
0x0F84
WRARL1
Wild register address setting register (lower) ch. 1
R/W
0b00000000
0x0F85
WRDR1
Wild register data setting register ch. 1
R/W
0b00000000
0x0F86
WRARH2
Wild register address setting register (upper) ch. 2
R/W
0b00000000
0x0F87
WRARL2
Wild register address setting register (lower) ch. 2
R/W
0b00000000
0x0F88
WRDR2
Wild register data setting register ch. 2
R/W
0b00000000
0x0F89
to
0x0F91
—
(Disabled)
—
—
0x0F92
T01CR0
8/16-bit composite timer 01 status control register 0
R/W
0b00000000
0x0F93
T00CR0
8/16-bit composite timer 00 status control register 0
R/W
0b00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com