Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 99Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 100Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 101Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 102Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 103Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 104Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 105Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 106Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 103 of 163
MB91570 Series
Interrupt factor
Interrupt
number
Interrupt
level
Offset
Default
address for
TBR
RN
*
1
Decimal
Hexa-
decimal
LIN-UART3 (transmission completed)
27
1B
ICR11
390H
000FFF90H
11
LIN-UART4 (reception completed)
28
1C
ICR12
38CH
000FFF8CH
12
LIN-UART4 (transmission completed)
29
1D
ICR13
388H
000FFF88H
13
LIN-UART5 (reception completed)
30
1E
ICR14
384H
000FFF84H
14
LIN-UART5 (transmission completed)
31
1F
ICR15
380H
000FFF80H
15
LIN-UART6 (reception completed)
32
20
ICR16
37CH
000FFF7CH
16
LIN-UART6 (transmission completed)
33
21
ICR17
378H
000FFF78H
17
CAN0
34
22
ICR18
374H
000FFF74H
-
CAN1
35
23
ICR19
370H
000FFF70H
-
CAN2/
Up/down counter 0/
Up/down counter 1
36
24
ICR20
36CH
000FFF6CH
-
Real time clock
37
25
ICR21
368H
000FFF68H
-
Sound generator 0 /
LIN-UART7 (reception completed)
38
26
ICR22
364H
000FFF64H
22
Sound generator 1 /
LIN-UART7 (transmission completed)
39
27
ICR23
360H
000FFF60H
23
PPG0/1/10/11/20/21
40
28
ICR24
35CH
000FFF5CH
24
PPG2/3/12/13/22/23
41
29
ICR25
358H
000FFF58H
25
PPG4/5/14/15
42
2A
ICR26
354H
000FFF54H
26
PPG6/7/16/17
43
2B
ICR27
350H
000FFF50H
27
PPG8/9/18/19
44
2C
ICR28
34CH
000FFF4CH
28
Multi-function serial interface ch.8 (reception completed)/
Multi-function serial interface ch.8 (status) / HS_SPI
reception interrupt request
45
2D
ICR29
348H
000FFF48H
29
(*4)
Main timer/Sub timer/PLL timer / Multi-function serial
interface ch.8(transmission completed)/
HS_SPI transmission interrupt request
46
2E
ICR30
344H
000FFF44H
30
(*4)
Clock calibration unit (Sub oscillation) /
Sound generator 4/
Multi-function serial interface ch.9 (reception completed) /
Multi-function serial interface ch.9 (status)
47
2F
ICR31
340H
000FFF40H
31
(*5)
A/D converter
48
30
ICR32
33CH
000FFF3CH
32
Clock calibration Unit (CR oscillation) / Multi-function serial
interface ch.9 (transmission completed)
49
31
ICR33
338H
000FFF38H
33
(*5)
Free-run timer 0/2/4
50
32
ICR34
334H
000FFF34H
-
Free-run timer 1/3/5
51
33
ICR35
330H
000FFF30H
-
ICU0/6 (fetching)
52
34
ICR36
32CH
000FFF2CH
36
ICU1/7 (fetching)
53
35
ICR37
328H
000FFF28H
37
ICU2/8 (fetching)
54
36
ICR38
324H
000FFF24H
38
ICU3/9 (fetching)
55
37
ICR39
320H
000FFF20H
39
ICU4/10 (fetching)
56
38
ICR40
31CH
000FFF1CH
40
ICU5/11 (fetching)
57
39
ICR41
318H
000FFF18H
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com