Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 103Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 104Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 105Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 106Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 107Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 108Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 109Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 110Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 111Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 107 of 163
MB91570 Series
13.2 Recommended operating conditions
(VSS = DVSS = AVSS = 0.0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC5
4.5
5.5
V
Recommended operation guarantee range
DVCC
4.5
5.5
V
AVCC5
4.5
5.5
V
VCCE
3.0
5.5
V
VCC5
3.5
5.5
V
Operation guarantee range
DVCC
3.5
5.5
V
AVCC5
3.5
5.5
V
VCCE
2.7
5.5
V
Smoothing capacitor
*
CS
4.7
(tolerance within±50%)
μF
Use a ceramic capacitor or a capacitor that has the similar
frequency characteristics. Use a capacitor with a capacitance
greater than CS as the smoothing capacitor on the VCC pin.
Operating
temperature
TA
-40
+105
°C
*: Refer to the following diagram for details on the connection of smoothing capacitor CS.
C Pin Connection Diagram
WARNING:
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the
device's electrical characteristics are warranted when the device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition. Operation under any conditions other than
these conditions may adversely affect reliability of device and could result in device failure. No warranty is made with respect to any
use, operating conditions or combinations not represented on this data sheet. If you are considering application under any
conditions other than listed herein, please contact sales representatives beforehand.
CS
C
VSS
DVSS
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com