Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 112 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 112 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 108Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 109Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 110Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 111Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 112Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 113Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 114Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 115Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 116Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 112 of 163
MB91570 Series
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VCCE = 5.0V±10%, VSS = DVSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Condition
Value
Unit
Rem
arks
Min
Typ
Max
Input leak current
IIL1
Port input pins other
than P107,123
VCC5 = VCCE =
DVCC = AVCC =5.5V
VSS<VI<VCC
-5
–
+5
μA
IIL2
P107,P123
(DA shared pin)
-10
–
+10
μA
Pull-up resistance
RUP1
RSTX, NMIX
–
25
–
100
kΩ
RUP2
All port input pins
Pull-up resistance is
selected
25
–
100
kΩ
Pull-down
resistance
RDOWN1
MD2
–
25
–
100
kΩ
RDOWN2
All port input pins
Pull-down resistance is
selected
25
–
100
kΩ
Input capacitance
CIN1
Other than VCCE, VCC5,
VSS,
DVCC, DVSS,
AVCC, AVSS, C,
P060 to P067,
P070 to P077,
P080 to P087
–
–
5
15
pF
CIN2
P060 to P067,
P070 to P077,
P080 to P087
When using SMC
–
15
45
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com