Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 115 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 115 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 111Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 112Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 113Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 114Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 115Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 116Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 117Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 118Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 119Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 115 of 163
MB91570 Series
13.4 AC Characteristics
13.4.1
Main Clock Timing
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VSS = DVSS = AVSS = 0.0V)
Parameter
Symbol
Pin
name
Conditio
ns
Value
Unit
Remarks
Min
Typ
Max
Source oscillation clock
frequency
FC
X0,X1
–
–
4
–
MHz
Source oscillation clock cycle
time
tCYL
X0,X1
–
–
250
–
ns
Internal operating clock cycle
time*
FCP
–
–
2
–
80
MHz
CPU clock
FCPP
–
–
2
–
40
MHz
Peripheral bus clock
FCPT
–
–
2
–
40
MHz
External bus clock
Internal operating clock cycle
time*
tCP
–
–
12.5
–
500
ns
CPU clock
tCPP
–
–
25
–
500
ns
Peripheral bus clock
tCPT
–
–
25
–
500
ns
External bus clock
CAN PLL jitter
(when lock)
tPJ
–
–
-10
–
+10
ns
FCP = 80MHz (4MHz×Multiplied by
20)
Built-in CR oscillation frequency FCCR
–
–
50
100
200
kHz
*: The maximum / minimum value is defined when using the main clock and PLL clock.
X0,X1 clock timing
CAN PLL jitter
Deviation time from the ideal clock is assured per cycle out of 20, 000 cycles.
tCYL
X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com