Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADA4522-1/ADA4522-2/ADA4522-4
Data Sheet
Rev. E | Page 26 of 32
A quick and easy way to stabilize the op amp for capacitive load
drive is by adding a series resistor, RISO, between the amplifier
output terminal and the load capacitance, as shown in Figure 80.
RISO isolates the amplifier output and feedback network from
the capacitive load. However, with this compensation scheme,
the output impedance as seen by the load increases, and this
reduces gain accuracy.
–VSY
VIN
+VSY
VOUT
CL
ADA4522-1/
ADA4522-2/
ADA4522-4
RISO
Figure 80. Stability Compensation with Isolating Resistor, RISO
Figure 81 shows the effect on overshoot with different values of
RISO.
60
25
50
55
45
20
40
15
35
10
30
5
0
10
100
1k
LOAD CAPACITANCE (pF)
VSY = ±15V
RL = 10kΩ
AV = 1
VIN = 100mV p-p
OS+ (RISO = 0Ω)
OS– (RISO = 0Ω)
OS+ (RISO = 25Ω)
OS– (RISO = 25Ω)
OS+ (RISO = 50Ω)
OS– (RISO = 50Ω)
Figure 81. Small Signal Overshoot vs. Load Capacitance with Various Output
Isolating Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com