Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADA4522-1/ADA4522-2/ADA4522-4
Data Sheet
Rev. E | Page 12 of 32
1600
–400
–200
1200
400
800
0
1000
200
600
1400
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±2.5V
VCM = VSY/2
IB+
IB–
IOS
Figure 18. Input Bias Current (IB) vs. Temperature, VSY = ±2.5 V
2500
–500
0
1500
500
1000
2000
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±15V
VCM = VSY/2
IB+
IB–
IOS
Figure 19. Input Bias Current (IB) vs. Temperature, VSY = ±15 V
VSY = ±2.5V TO ±27.5V
100k
0.1
100
1
10
1k
10k
0.001
0.1
10
0.01
1
100
ILOAD (mA)
+125°C
+85°C
+25°C
–40°C
Figure 20. Output Voltage High (VOH) to Supply Rail vs. Load Current (ILOAD)
4000
–1000
–500
3000
1000
2000
0
2500
500
1500
3500
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±27.5V
VCM = VSY/2
IB+
IB–
IOS
Figure 21. Input Bias Current (IB) vs. Temperature, VSY = ±27.5 V
1.0
0
0.4
0.2
0.6
0.8
0
5
10
15
20
25
30
35
40
45
50
55
60
VSY (V)
+125°C
+85°C
+25°C
–40°C
Figure 22. Supply Current (ISY) per Amplifier vs. Supply Voltage (VSY)
100k
0.1
100
1
10
1k
10k
0.001
0.1
10
0.01
1
100
ILOAD (mA)
VSY = ±2.5V TO ±27.5V
+125°C
+85°C
+25°C
–40°C
Figure 23. Output Voltage Low (VOL) to Supply Rail vs. Load Current (ILOAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com