Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4522-1ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E | Page 3 of 32
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5.0 V OPERATION
VSY = 5.0 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VSY/2
0.7
5
µV
−40°C ≤ TA ≤ +125°C
6.5
µV
Offset Voltage Drift
TCVOS
2.5
15
nV/°C
Input Bias Current
IB
50
150
pA
−40°C ≤ TA ≤ +85°C
500
pA
−40°C ≤ TA ≤ +125°C
2
nA
Input Offset Current
IOS
80
250
pA
−40°C ≤ TA ≤ +85°C
350
pA
−40°C ≤ TA ≤ +125°C
500
pA
Input Voltage Range
IVR
0
3.5
V
Common-Mode Rejection Ratio
CMRR
ADA4522-1, ADA4522-2, VCM = 0 V to 3.5 V
135
155
dB
ADA4522-4, VCM = 0 V to 3.5 V
130
145
dB
−40°C ≤ TA ≤ +125°C
130
dB
Large Signal Voltage Gain
AV
RL = 10 kΩ, VOUT = 0.5 V to 4.5 V
125
145
dB
−40°C ≤ TA ≤ +125°C
125
dB
Input Resistance
Differential Mode
RINDM
30
kΩ
Common Mode
RINCM
100
GΩ
Input Capacitance
Differential Mode
CINDM
7
pF
Common Mode
CINCM
35
pF
OUTPUT CHARACTERISTICS
Output Voltage
High
VOH
RL = 10 kΩ to VSY/2
4.97
4.98
V
−40°C ≤ TA ≤ +125°C
4.95
V
Low
VOL
RL = 10 kΩ to VSY/2
20
30
mV
−40°C ≤ TA ≤ +125°C
50
mV
Continuous Output Current
IOUT
Dropout voltage = 1 V
14
mA
Short-Circuit Current Source
ISC+
22
mA
TA = 125°C
15
mA
Short-Circuit Current Sink
ISC−
29
mA
TA = 125°C
19
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
4
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 4.5 V to 55 V
150
160
dB
−40°C ≤ TA ≤ +125°C
145
dB
Supply Current per Amplifier
ISY
ADA4522-2, ADA4522-4, IOUT = 0 mA
830
900
µA
ADA4522-2, ADA4522-4, −40°C ≤ TA ≤ +125°C
950
µA
ADA4522-1, IOUT = 0 mA
840
910
µA
ADA4522-1, −40°C ≤ TA ≤ +125°C
970
µA
DYNAMIC PERFORMANCE
Slew Rate
SR+
RL = 10 kΩ, CL = 50 pF, AV = 1
1.4
V/µs
SR−
RL = 10 kΩ, CL = 50 pF, AV = 1
1.3
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com