Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
60 V
Input Voltage
(V−) − 300 mV to (V+) + 300 mV
Input Current1
±10 mA
Differential Input Voltage
±5 V
Output Short-Circuit
Duration to Ground
Indefinite
Temperature Range
Storage
−65°C to +150°C
Operating
−40°C to +125°C
Junction
−65°C to +150°C
Lead Temperature (Soldering,
60 sec)
300°C
1
The input pins have clamp diodes to the power supply pins. Limit the input
current to ±10 mA or less whenever input signals exceed the power supply
rail by 300 mV.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages using a
standard 4-layer JEDEC board.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP (RM-8)
194
38
°C/W
8-Lead SOIC (R-8)
122
41
°C/W
14-Lead TSSOP (RU-14)
112
43
°C/W
14-Lead SOIC (R-14)
115
36
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com