Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E | Page 13 of 32
150
0
25
100
50
75
125
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
RL = 2kΩ
VSY = ±2.5V
RL = 10kΩ
Figure 24. Output Voltage High (VOH) to Supply Rail vs. Temperature,
VSY = ±2.5 V
200
0
25
100
50
75
125
150
175
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
RL = 10kΩ
VSY = ±15V
RL = 100kΩ
Figure 25. Output Voltage High (VOH) to Supply Rail vs. Temperature, VSY = ±15 V
350
0
50
200
100
150
250
300
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
VSY = ±27.5V
RL = 100kΩ
RL = 10kΩ
Figure 26. Output Voltage High (VOH) to Supply Rail vs. Temperature,
VSY = ±27.5 V
150
0
25
100
50
75
125
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
VSY = ±2.5V
RL = 10kΩ
RL = 2kΩ
Figure 27. Output Voltage Low (VOL) to Supply Rail vs. Temperature,
VSY = ±2.5 V
200
0
25
100
50
75
125
150
175
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
VSY = ±15V
RL = 100kΩ
RL = 10kΩ
Figure 28. Output Voltage Low (VOL) to Supply Rail vs. Temperature, VSY = ±15 V
350
0
50
200
100
150
250
300
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
VSY = ±27.5V
RL = 100kΩ
RL = 10kΩ
Figure 29. Output Voltage Low (VOL) to Supply Rail vs. Temperature,
VSY = ±27.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com