Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADA4522-1/ADA4522-2/ADA4522-4
Data Sheet
Rev. E | Page 28 of 32
OUT+
SENSE–
SENSE+
OUT–
VEXC
1/2
V+
R1 11.3kΩ
C1 3.3µF
1/2
ADA4522-2
ADA4522-2
R2 11.3kΩ
C2 3.3µF
RG
60.4Ω
R3
1kΩ
R4
1kΩ
C4
1µF
C5
10µF
C3
1µF
AIN(+)
REF(–)
REF(+)
DOUT/
RDY
DIN
AIN(–)
GND
VDD
+5V
AD7791
100pF
1µF
100pF
SCLK
CS
LOAD
CELL
Figure 83. Precision Weigh Scale Measurement System
PRECISION LOW-SIDE CURRENT SHUNT SENSOR
Many applications require the sensing of signals near the
positive or negative rails. Current shunt sensors are one such
application and are mostly used for feedback control systems.
They are also used in a variety of other applications, including
power metering, battery fuel gauging, and feedback controls in
industrial applications. In such applications, it is desirable to
use a shunt with very low resistance to minimize series voltage
drop. This configuration not only minimizes wasted power, but
also allows the measurement of high currents while saving power.
A typical shunt may be 100 mΩ. At a measured current of 1 A,
the voltage produced from the shunt is 100 mV, and the ampli-
fier error sources are not critical. However, at low measured current
in the 1 mA range, the 100 μV generated across the shunt demands
a very low offset voltage and drift amplifier to maintain absolute
accuracy. The unique attributes of a zero drift amplifier provide
a solution. Figure 84 shows a low-side current sensing circuit
using the ADA4522-1/ADA4522-2/ADA4522-4. The ADA4522-1/
ADA4522-2/ADA4522-4 are configured as difference amplifiers
with a gain of 1000. Although the ADA4522-1/ADA4522-2/
ADA4522-4 have high CMRR, the CMRR of the system is
limited by the external resistors. Therefore, as mentioned in the
Single-Supply Instrumentation Amplifier section, the key to
high CMRR for the system is resistors that are well matched
from both the resistive ratio and relative drift, where R1/R2 =
R3/R4.
Any unused channel of the ADA4522-1/ADA4522-2/
ADA4522-4 must be configured in unity gain with the input
common-mode voltage tied to the midpoint of the power
supplies.
R2
100kΩ
VSY
VSY
VOUT*
*VOUT = AMPLIFIER GAIN × VOLTAGE ACROSS RS
= 1000 × RS × I
= 100 × I
RL
RS
0.1Ω
R1
100Ω
I
ADA4522-1/
ADA4522-2/
ADA4522-4
R4
100kΩ
R3
100Ω
I
Figure 84. Low-Side Current Sensing Circuit
PRINTED CIRCUIT BOARD LAYOUT
The ADA4522-1/ADA4522-2/ADA4522-4 are high precision
devices with ultralow offset voltage and noise. Therefore, take
care in the design of the PCB layout to achieve optimum
performance of the ADA4522-1/ADA4522-2/ADA4522-4 at the
board level.
To avoid leakage currents, keep the surface of the board clean
and free of moisture.
Properly bypassing the power supplies and keeping the supply
traces short minimizes power supply disturbances caused by
output current variation. Connect bypass capacitors as close
as possible to the device supply pins. Stray capacitances are a
concern at the outputs and the inputs of the amplifier. It is
recommended that signal traces be kept at a distance of at
least 5 mm from supply lines to minimize coupling.
A potential source of offset error is the Seebeck voltage on the
circuit board. The Seebeck voltage occurs at the junction of two
dissimilar metals and is a function of the temperature of the
junction. The most common metallic junctions on a circuit board
are solder to board traces and solder to component leads. Figure 85
shows a cross section of a surface-mount component soldered
to a PCB. A variation in temperature across the board (where TA1 ≠
TA2) causes a mismatch in the Seebeck voltages at the solder joints,
thereby resulting in thermal voltage errors that degrade the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com