Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E | Page 11 of 32
5
–5
–3
1
–1
3
01.0
3.0
2.0
3.5
VCM (V)
VSY = 5V
20 CHANNELS
Figure 12. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM), VSY = 5 V
5
–5
–3
1
–1
3
0
5.0
25.0
15.0
10.0
20.0
28.5
VCM (V)
VSY = 30V
20 CHANNELS
Figure 13. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM),
VSY = 30 V
5
–5
–3
1
–1
3
0
5.0
45.0
25.0
15.0
35.0
10.0
50.0
30.0
20.0
40.0
53.5
VCM (V)
VSY = 55V
20 CHANNELS
Figure 14. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM),
VSY = 55 V
2000
–500
0
1000
500
1500
00.5
2.5
1.5
1.0
3.0
2.0
3.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 5V
Figure 15. Input Bias Current (IB) vs. Common-Mode Voltage (VCM), VSY = 5 V
3000
–500
0
2000
1000
1500
500
2500
0
5.0
25.0
15.0
10.0
20.0
28.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 30V
Figure 16. Input Bias Current (IB) vs. Common-Mode Voltage (VCM), VSY = 30 V
5000
–500
0
3500
1500
2500
500
4500
3000
1000
2000
4000
0
10.0
50.0
30.0
20.0
40.0
5.0
45.0
25.0
15.0
35.0
53.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 55V
Figure 17. Input Bias Current (IB) vs. Common-Mode Voltage (VCM),
VSY = 55 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com