Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E | Page 29 of 32
performance of the ultralow offset voltage of the ADA4522-1/
ADA4522-2/ADA4522-4.
SOLDER
+
+
+
+
COMPONENT
LEAD
COPPER
TRACE
VSC1
VTS1
TA1
SURFACE-MOUNT
COMPONENT
PC BOARD
TA2
VSC2
VTS2
IF TA1 ≠ TA2, THEN
VTS1 + VSC1 ≠ VTS2 + VSC2
Figure 85. Mismatch in Seebeck Voltages Causes Seebeck Voltage Error
In Figure 85, VSC1 and VSC2 are the Seebeck voltages due to solder to
component at Junction 1 and Junction 2, respectively. VTS1 and
VTS2 are the Seebeck voltages due to solder to trace at Junction 1
and Junction 2. TA1 and TA2 are the temperatures of Junction 1
and Junction 2, respectively.
To minimize these thermocouple effects, orient resistors so
that heat sources warm both ends equally. Where possible, it
is recommended that the input signal paths contain matching
numbers and types of components to match the number and type
of thermocouple junctions. For example, dummy components,
such as zero value resistors, can be used to match the thermo-
electric error source (real resistors in the opposite input path).
Place matching components in close proximity and orient them
in the same manner to ensure equal Seebeck voltages, thus
cancelling thermal errors. Additionally, use leads that are of
equal length to keep thermal conduction in equilibrium. Keep
heat sources on the PCB as far away from amplifier input circuitry
as is practical.
It is highly recommended to use a ground plane. A ground
plane helps distribute heat throughout the board, maintain a
constant temperature across the board, and reduce EMI noise
pickup.
COMPARATOR OPERATION
An op amp is designed to operate in a closed-loop configuration
with feedback from its output to its inverting input. In contrast to
op amps, comparators are designed to operate in an open-loop
configuration and to drive logic circuits. Although op amps are
different from comparators, occasionally an unused section of a
dual op amp is used as a comparator to save board space and
cost; however, this is not recommended for the ADA4522-1/
ADA4522-2/ADA4522-4.
Figure 86 and Figure 87 show the ADA4522-1/ADA4522-2/
ADA4522-4 configured as a comparator, with 10 kΩ resistors in
series with the input pins. Any unused channels are configured as
buffers with the input voltage kept at the midpoint of the power
supplies. The ADA4522-1/ADA4522-2/ADA4522-4 have input
devices that are protected from large differential input voltages by
Diode D5 and Diode D6, as shown in Figure 72. These diodes
consist of substrate PNP bipolar transistors, and conduct whenever
the differential input voltage exceeds approximately 600 mV;
however, these diodes also allow a current path from the input
to the lower supply rail, resulting in an increase in the total
supply current of the system. Both comparator configurations yield
the same result. At 30 V of power supply, ISY+ remains at 1.55 mA
per dual amplifier, but ISY− increases close to 2 mA in magni-
tude per dual amplifier.
ADA4522-1/
ADA4522-2/
ADA4522-4
A1
10kΩ
10kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 86. Comparator Configuration A
A1
10kΩ
10kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
ADA4522-1/
ADA4522-2/
ADA4522-4
Figure 87. Comparator Configuration B
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
6
12
18
24
30
4
10
16
22
28
2
8
14
20
26
VSY (V)
ISY+
ISY–
Figure 88. Supply Current (ISY) per Dual Amplifier vs. Supply Voltage (VSY)
(ADA4522-1/ADA4522-2/ADA4522-4 as a Comparator)
Note that 10 kΩ resistors are used in series with the input of the
op amp. If smaller resistor values are used, the supply current of the
system increases much more. For more details on op amps as
comparators, see the AN-849 Application Note, Using Op Amps
as Comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com