Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADA4522-1/ADA4522-2/ADA4522-4
Data Sheet
Rev. E | Page 14 of 32
140
0
40
20
80
120
60
100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±2.5V TO ±27.5V
Figure 30. CMRR vs. Frequency
1k
0.001
0.01
1
100
0.1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 100
AV = 10
AV = 1
VSY = ±2.5V TO ±27.5V
Figure 31. Closed-Loop Output Impedance vs. Frequency
120
–40
20
0
–20
60
100
40
80
135
–45
0
45
90
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CL = 50pF
CL = 100pF
CL = 50pF
CL = 100pF
PHASE
GAIN
VSY = ±2.5V TO ±27.5V
RL = 10kΩ
Figure 32. Open-Loop Gain and Phase Margin vs. Frequency
140
–20
0
40
20
80
120
60
100
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
PSRR+
PSRR–
VSY = ±2.5V TO ±27.5V
Figure 33. PSRR vs. Frequency
0.840
0.805
0.815
0.810
0.825
0.835
0.820
0.830
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
5V
30V
55V
Figure 34. Supply Current (ISY) per Amplifier vs. Temperature
–20
–10
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 10
AV = 1
VSY = ±2.5V TO ±27.5V
AV = 100
Figure 35. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com