Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 33Page - Analog Devices ADE9078ACPZ Datasheet HTML 34Page - Analog Devices ADE9078ACPZ Datasheet HTML 35Page - Analog Devices ADE9078ACPZ Datasheet HTML 36Page - Analog Devices ADE9078ACPZ Datasheet HTML 37Page - Analog Devices ADE9078ACPZ Datasheet HTML 38Page - Analog Devices ADE9078ACPZ Datasheet HTML 39Page - Analog Devices ADE9078ACPZ Datasheet HTML 40Page - Analog Devices ADE9078ACPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 36 of 107
Power-Based and Filter-Based RMS Measurement
Algorithms
Filter-Based Total RMS
The ADE9078 offers current and voltage rms measurements,
which are calculated by squaring the input signal, low-pass
filtering, and then taking the square root of the result, as shown
in Figure 54.
x2
215
xRMSOS
xRMS
52,866,837
xV_PCF OR xI_PCF
VOLTAGE OR CURRENT
CHANNEL WAVEFORM
Figure 54. Filter Based RMS
The low-pass filter, LPF2, extracts the rms value, attenuating
harmonics of a 50 Hz or 60 Hz fundamental by at least 64 dB so
that at full scale, the variation in the calculated rms value is very
small, ±0.064% error. Note that the rms reading variation
increases as the input signal becomes smaller because the noise
in the measurement increases.
The filter based rms measurement is typically within 0.5% error
over a 5000:1 dynamic range and within 0.1% error over a 1000:1
dynamic range. Refer to the specifications in Table 1 to understand
what performance to expect from this measurement.
Note that the xRMS register does not read 0 with the xP and xN
inputs shorted together.
The filter based rms has a bandwidth of 1.6 kHz, as given in
Table 1.
The rms calculations, one for each channel, AIRMS, BIRMS,
CIRMS, NIRMS, AVRMS, BVRMS, and CVRMS, are updated
every 4 kSPS. The ISUMRMS calculation uses the same method
to calculate ISUMRMS, where ISUM = IA + IB + IC ± IN, and also
updates at 4 kSPS (see the Neutral Current RMS, RMS of Sum of
Instantaneous Currents section for more information).
The xRMS value at full scale is 52,866,837d. Table 13 shows the
rms settling time to 99% of full scale for a 50 Hz signal.
Table 13. RMS Settling Time
Configuration
RMS Settling Time, FS = 99% (sec)
Integrator On, HPF On, and
LPF2 On
1.09
Integrator Off, HPF On, and
LPF2 On
0.96
For high performance at small input signals, below 1000:1, it is
recommended to calibrate the offset of this measurement using
the xRMSOS registers. The offset must be calibrated at the smallest
input signal that requires good performance—do not calibrate
this measurement with zero input signal.
The following equation indicates how the xRMSOS register
value modifies the result in the xRMS register:
xRMSOS
xRMS0
xRMS
15
2
2
where xRMS0 is the initial xRMS register value before offset
calibration.
At 1000:1, the expected xRMS0 = 52,866,837/1000 =
52,866.837. Then, one bit in the xRMSOS register changes
xRMS by (52,867.147 − 52,866.837)/52,866.837 = 0.0006%.
147
.
867
,
52
1
2
1000
52,866,837
15
2
xRMS
Neutral Current RMS, RMS of Sum of Instantaneous
Currents
The ADE9078 calculates the neutral current rms from a neutral
current sensor input into the INP and INN pins, and stores the
result in the NIRMS register. A NIRMSOS register allows offset
calibration of this measurement. The scaling is the same as for
the other xIRMS and xIRMSOS registers (see the Filter-Based
Total RMS section for more information).
The ADE9078 also calculates the rms of ISUM = IA + IB + IC ± IN
and stores the result in ISUMRMS. An ISUMRMSOS register
allows offset calibration of this measurement. The scaling is the
same as for the other xIRMS and xIRMSOS registers (see the
Filter-Based Total RMS section for more information).
If a neutral current sensor is not used, write 0 to the
ISUM_CFG bits in the CONFIG0 register, and then ISUMRMS
approximates the neutral current from the sum of IA, IB, and IC.
If the measured neutral current, NI_PCF, deviates from the sum
of AI_PCF + BI_PCF + CI_PCF current channel waveforms,
there may be a fault in the system.
To determine how big the mismatch is between the measured
neutral current and the measured Channel A, Channel B, and
Channel C currents, select ISUM_CFG[1:0] to 01 or 10 based
on the direction of the neutral current with respect to the other
current channel waveforms.
Table 14. ISUM Configuration Options
ISUM_CFG[1:0]
ISUM Calculation
00, 11
ISUM = AI_PCF + BI_PCF + CI_PCF
01
ISUM = AI_PCF + BI_PCF + CI_PCF + NI_PCF
10
ISUM = AI_PCF + BI_PCF + CI_PCF − NI_PCF
ISUMRMS has the same scaling as xIRMS. Note that if AI_PCF,
BI_PCF, and CI_PCF are all at full scale and in phase with each
other, with ISUM_CFG = 00 or 11, ISUMRMS is 3 × 52,866,837d =
158,600,511d. If AI_PCF, BI_PCF, CI_PCF, and NI_PCF are all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com