Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 98 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 98 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 94Page - Analog Devices ADE9078ACPZ Datasheet HTML 95Page - Analog Devices ADE9078ACPZ Datasheet HTML 96Page - Analog Devices ADE9078ACPZ Datasheet HTML 97Page - Analog Devices ADE9078ACPZ Datasheet HTML 98Page - Analog Devices ADE9078ACPZ Datasheet HTML 99Page - Analog Devices ADE9078ACPZ Datasheet HTML 100Page - Analog Devices ADE9078ACPZ Datasheet HTML 101Page - Analog Devices ADE9078ACPZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 97 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x40F VLEVEL
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
VLEVEL_VAL
Register used in the algorithm that computes the
fundamental reactive power.
0x45D45 R/W
0x41F PHNOLOAD
[31:17] RESERVED
Reserved.
0x0
R
16
CFVARNL
This bit is set if the Phase C fundamental reactive
energy is in no load.
0x0
R
15
RESERVED
Reserved.
0x0
R
14
CVANL
This bit is set if the Phase C total apparent energy
is in no load.
0x0
R
13
CVARNL
This bit is set if the Phase B total reactive energy is
in no load.
0x0
R
12
CWATTNL
This bit is set if the Phase C total active energy is in
no load.
0x0
R
11
RESERVED
Reserved.
0x0
R
10
BFVARNL
This bit is set if the Phase B fundamental reactive
energy is in no load.
0x0
R
9
RESERVED
Reserved.
0x0
R
8
BVANL
This bit is set if the Phase B total apparent energy
is in no load.
0x0
R
7
BVARNL
This bit is set if the Phase B total reactive energy is
in no load.
0x0
R
6
BWATTNL
This bit is set if the Phase B total active energy is in
no load.
0x0
R
5
RESERVED
Reserved.
0x0
R
4
AFVARNL
This bit is set if the Phase A fundamental reactive
energy is in no load.
0x0
R
3
RESERVED
Reserved.
0x0
R
2
AVANL
This bit is set if the Phase A total apparent energy
is in no load.
0x0
R
1
AVARNL
This bit is set if the Phase A total reactive energy is
in no load.
0x0
R
0
AWATTNL
This bit is set if the Phase A total active energy is in
no load.
0x0
R
0x424 ADC_REDIRECT [31:21] RESERVED
Reserved.
0x0
R
[20:18] VC_DIN
Voltage C channel data can be selected from:
0x7
R/W
000 IA ADC data.
001 IB ADC data.
010 IC ADC data.
011 IN ADC data.
100 VA ADC data.
101 VB ADC data.
110 VC ADC data.
111 VC ADC data.
[17:15] VB_DIN
VB channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b then:
0x7
R/W
111 VB ADC Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com