Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 66 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 62Page - Analog Devices ADE9078ACPZ Datasheet HTML 63Page - Analog Devices ADE9078ACPZ Datasheet HTML 64Page - Analog Devices ADE9078ACPZ Datasheet HTML 65Page - Analog Devices ADE9078ACPZ Datasheet HTML 66Page - Analog Devices ADE9078ACPZ Datasheet HTML 67Page - Analog Devices ADE9078ACPZ Datasheet HTML 68Page - Analog Devices ADE9078ACPZ Datasheet HTML 69Page - Analog Devices ADE9078ACPZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 65 of 107
Note that the LAST_DATA_16 and LAST_DATA_32 registers
are not updated after a SPI burst read operation—these registers
are the cases in Table 25 where the next address is written.
On a write operation, LAST_DATA_16 and LAST_DATA_32
are not updated until all 16 or 32 bits of the write data are received.
Note that, on a write register operation, the addressed register is
not written until all 16 or 32 bits are received, depending on the
length of the register.
Note that when the LAST_CMD, LAST_DATA_16, and
LAST_DATA_32 registers are read, their values remain
unchanged.
CRC OF CONFIGURATION REGISTERS
The configuration register CRC feature in the ADE9078 monitors
certain external and internal register values. It also optionally
includes 12 registers that are individually selectable in the
CRC_OPTEN register. See the CRC_OPTEN register in Table 32
for more details.
This feature runs as a background task—it takes 10.8 ms to
calculate the configuration register CRC. The result is stored in
the CRC_RSLT register. If any of the monitored registers change
value, the CRC_RSLT register changes as well, and the
CRC_CHG bit in the STATUS 1 register is set, which can also
be configured to generate an interrupt on IRQ1.
After configuring the ADE9078 and writing the required
registers to calibrate the measurements, such as xIGAIN or
xVGAIN, the configuration register CRC calculation can be
started by writing the FORCE_CRC_UPDATE bit in the
CRC_FORCE register. When the calculation is complete, the
CRC_DONE bit is set in the STATUS1 register.
The method used for calculating the configuration register CRC is
also based on the CRC-16 CCITT algorithm. The most significant
byte of each register is introduced into the LFSR first, without
bit reversal (see the CRC Algorithm section for more
information).
The order in which the registers are calculated is given in Table 26,
with the lowest register introduced first. Note that 32-bit registers
have four bytes introduced into the LFSR, whereas 16-bit
registers have two bytes introduced into the LFSR.
Note that the default value of certain internal registers can vary
for each device and, thus, the default CRC of configuration
registers can vary for each device.
Table 26. Order of Registers Included in the Configuration
Register CRC
Register Addresses
Register Length (Bits)
0x01 to 0x18
32
0x21 to 0x38
32
0x41 to 0x58
32
0x60 to 0x73
32
0x409
32
0x40F
32
0x420 to 0x422
32
0x424
32
0x470 to 0x475
32
0x480 to 0x481
16
0x490 to 0x497
16
0x499
16
0x4AF to 0x4B2
16
0x425
32
0x4B8 to 0x4B9
16
0x47D
32
0x478 to 0x479
32
0x4EF
16
0x4BA
16
0x47E
32
0x00
32
0x20
32
0x40
32
0x4B6
16
0x4BF
16
0x4B5
16
CONFIGURATION LOCK
The configuration lock feature prevents changes to the ADE9078
configuration. To enable this feature, write 0x3C64 to the
WR_LOCK register. To disable the feature, write 0x4AD1.
To determine whether this feature is active, read the
WR_LOCK register, which reads as 1 if the protection is
enabled and 0 if it is disabled.
When this feature is enabled, it prevents writing to Address 0x000
to Address 0x0FF and Address 0x400 to Address 0x4FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com