Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 37Page - Analog Devices ADE9078ACPZ Datasheet HTML 38Page - Analog Devices ADE9078ACPZ Datasheet HTML 39Page - Analog Devices ADE9078ACPZ Datasheet HTML 40Page - Analog Devices ADE9078ACPZ Datasheet HTML 41Page - Analog Devices ADE9078ACPZ Datasheet HTML 42Page - Analog Devices ADE9078ACPZ Datasheet HTML 43Page - Analog Devices ADE9078ACPZ Datasheet HTML 44Page - Analog Devices ADE9078ACPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 40 of 107
Energy Accumulation
Figure 61 shows how AWATT is accumulated into the AWATTHR
and AWATT_ACC registers. A no load threshold is applied and
the energy sign is checked to determine whether to accumulate
the AWATT sample into the internal energy accumulator. The
internal energy accumulator is either added to the AWATTHR
register or latched depending on the EGY_LD_ACCUM setting
at a EGYRDY rate (see the Reloading or Accumulating User
Energy Register section for more details). The AWATT value is
directly accumulated into the internal power accumulator and
latched into AWATT_ACC at a PWRRDY rate. Set the
EGY_PWR_EN bit in EP_CFG register to run the energy and
power accumulator.
Signed Energy Accumulation Modes
Total Active Energy Accumulation Modes
In some installations, it is desirable to bill for only positive total
active energy. The ADE9078 offers a way to do so using the
WATTACC bits in the ACCMODE register. To set the total
active energy accumulation and any corresponding CF pulse
output for positive energy only, write 10 to WATTACC.
If WATTACC = 0, the energy accumulation is signed. The MSB
of the AWATTHR_HI register indicates whether the energy is
negative or positive.
Other accumulation modes include absolute accumulation
mode with WATTACC = 01, where the absolute value of
AWATT is accumulated, and negative only accumulation mode
with WATTACC = 11, where only negative active energy is
accumulated.
Reactive Energy Accumulation Modes
In some installations, because reactive energy may change
frequently between positive and negative values with inductive
and capacitive loads, it is desirable to bill for the absolute value
of reactive energy. The ADE9078 offers a way to do so using the
VARACC bits in the ACCMODE register. To set the total and
fundamental reactive energy register and any corresponding CF
pulse output to accumulate the absolute value of reactive
energy, write 01 to VARACC.
NO LOAD
CHECK
0
INTERNAL ENERGY
ACCUMULATOR
41
31
DIGITAL
TO
FREQUENCY
CONVERTER
4.096MHz
AWATT
WATTACC[1:0]
ACT_NL_LVL
+
+
0
CHECK SIGN
TO DETERMINE
WHETHER
TO ACCUMULATE
0
ANOLOAD
EP_CFG.
NOLOAD_TMR
1
WTHR
CF1DEN
CF_LCFG
CFMODE
REVPSUMx
CFx
POWER
ENERGY
LOW-PASS
FILTERED
TOTAL ACTIVE
POWER
INTERNAL POWER ACCUMULATOR
fDSP
EGYRDY
31
0
031
AWATTHR_HI
19
0
0
1
EGY_LD_ACCUM
INTERNAL ENERGY ACCUMULATOR
VALUE ADDED TO AWATTHR
OR LATCHED INTO AWATTHR
AT EGYRDY RATE
PWRRDY
INTERNAL POWER ACCUMULATOR VALUE
LATCHED IN TO AWATT_ACC
WHEN PWR_TIMER SAMPLES
HAVE BEEN ACCUMULATED
fDSP
AWATTHR_LO
Figure 61. AWATT Accumulation into Energy and Power, Using No Load Threshold and Signed Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com