Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 48Page - Analog Devices ADE9078ACPZ Datasheet HTML 49Page - Analog Devices ADE9078ACPZ Datasheet HTML 50Page - Analog Devices ADE9078ACPZ Datasheet HTML 51Page - Analog Devices ADE9078ACPZ Datasheet HTML 52Page - Analog Devices ADE9078ACPZ Datasheet HTML 53Page - Analog Devices ADE9078ACPZ Datasheet HTML 54Page - Analog Devices ADE9078ACPZ Datasheet HTML 55Page - Analog Devices ADE9078ACPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 51 of 107
Functions Using
Zero Crossing
ZX Transitions
Used
Corresponding
STATUS1 Bits
Selecting Which Phase to
Use for Measurement
Effect if ZX Does Not Occur
Resampling
None
Not applicable
LP_SEL selects the phase
voltage line period used as
the basis for resampling
calculation
If the line period used for resampling is invalid
because zero crossings are not detected or
the calculation results in something outside
a 40 Hz to 70 Hz range, the line period used
for resampling is coerced to the default line
period of 0x00500000 if SELFREQ = 0 for a
50 Hz network, or 0x0042AAAB if SELFREQ = 1
for a 60 Hz network.
Angle
Measurements
Negative to
positive
Not applicable
Not applicable
The register does not update, keeps last
value.
ZX Output on the
CF3/ZX Pin
Negative to
positive and
positive to
negative
Not applicable
ZX_SEL selects the zero-
crossing output used for line
cycle energy accumulation
and the ZX output pin
The ZX output remains at the current state,
high or low.
Zero-Crossing Timeout
The zero-crossing timeout feature alerts the user if a zero-crossing
event is not generated after a user configured amount of time. If
a zero crossing event is not received after ZXTOUT/4 kSPS clocks,
the corresponding ZXTOx bit in the STATUS1 register is set.
For example, if ZXTOUT is equal to 4000, if a zero crossing is
not received on Phase A for 4000/4 kSPS = 1 sec, the ZXTOA bit
is set in the STATUS1 register. The maximum value that can be
written to the ZXTOUT register is 0xFFFF/4000 = 16.38 sec.
Line Period Calculation
The ADE9078 line period measurement is performed by taking
the values low-pass filtered by LPF1 as described in the Zero-
Crossing Detection section and then using the two values near
the negative to positive zero crossing (POS1 and POS2) to calculate
the exact zero-crossing point using linear interpolation. Use this
information to calculate the line period precisely, which is
stored in the xPERIOD register.
4.3ms AT 50Hz
Ix,Vx
0.86
0V
LPF1 OUTPUT
POS2
POS1 POS2
x
x
x
x
POS1
Figure 73. Line Period Calculation Using Zero-Crossing Detection and Linear
Interpolation
The line period, tL, can be calculated from the xPERIOD
register, according to the following equation:
(sec)
2
4000
1
16
xPERIOD
t
L
Similarly, the line frequency can be calculated from the
xPERIOD register using the following equation:
(Hz)
1
2
4000
16
xPERIOD
f
L
With a 50 Hz input, the xPERIOD register is 0x0050 0000,
5242880d, and with a 60 Hz input, it is 0x0042 AAAA = 4369066d.
If the calculated period value is outside the range of 40 Hz to
70 Hz, or if the negative to positive zero crossings for that phase
are not detected, the xPERIOD register is coerced to correspond
to 50 Hz or 60 Hz, according to the setting of the SELFREQ bit
in the ACCMODE register. With SELFREQ = 0 for a 50 Hz
network, xPERIOD register is coerced to 0x0050 0000. If
SELFREQ = 1, indicating a 60 Hz network, the xPERIOD
register is coerced to 0x0042 AAAA.
The line period is calculated for the Phase A, Phase B, and
Phase C voltages and the combined voltage signal, as described
in the Combined Voltage Zero Crossing section, and stored in
the APERIOD, BPERIOD, CPERIOD, and COM_PERIOD,
registers respectively.
Select the phase voltage line period to use as the basis for the
resampling calculation using the LP_SEL bits in the ZX_LP_SEL
register or select a user configured value written in USER_PERIOD
using the UPERIOD_SEL bit in the CONFIG2 register, as
shown in Figure 74.
LP_SEL
11
COM_PERIOD
CPERIOD
BPERIOD
APERIOD
RESAMPLING1
1NOT AVAILABLE IN ADE9078 PSM1.
USER_PERIOD
UPERIOD_SEL
WAVEFORM
BUFFER1
SINC4 OUTPUT
SINC4 + IIR LPF OUTPUT
xI_PCF, xV_PCF
ADE9078
WF_CAP_SEL
WF_SRC
10
01
00
Figure 74. Line Period Selection for Resampling
The user period selection is helpful in applications where the
user has another algorithm to determine the line frequency or if
it is preferred to always assume a certain line frequency when
resampling. USER_PERIOD[31:0] has the same scaling as the
xPERIOD registers. Write USER_PERIOD[31:0] to 0x00500000
for 50 Hz and 0x0042AAAB for 60 Hz.
Angle Measurement
The ADE9078 measures the time between zero crossings on
each phase. This measurement determines if the system is
balanced properly or to determine if there was an installation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com