Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 18Page - Analog Devices ADE9078ACPZ Datasheet HTML 19Page - Analog Devices ADE9078ACPZ Datasheet HTML 20Page - Analog Devices ADE9078ACPZ Datasheet HTML 21Page - Analog Devices ADE9078ACPZ Datasheet HTML 22Page - Analog Devices ADE9078ACPZ Datasheet HTML 23Page - Analog Devices ADE9078ACPZ Datasheet HTML 24Page - Analog Devices ADE9078ACPZ Datasheet HTML 25Page - Analog Devices ADE9078ACPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 21 of 107
AC Power Supply Rejection (PSRR)
AC PSRR quantifies the measurement error as a percentage of
reading when the dc power supply is VNOM and modulated with
ac and the inputs are grounded. For the ac PSRR measurement,
20 sec of samples is captured with nominal supplies (3.3 V) and a
second set are captured with an additional ac signal (330 mV peak
at 50 Hz) introduced onto the supplies. Then, the PSRR is
expressed as PSRR = 20 log10(V2/V1).
Signal-to-Noise Ratio (SNR)
SNR is calculated by inputting a 50 Hz signal, and samples are
acquired for 2 sec. The amplitudes for each frequency up to the
bandwidth given in Table 1 as the ADC output bandwidth (−3 dB)
are calculated. To determine the SNR, the signal at 50 Hz is
compared to the sum of the power from all the other frequencies,
removing power from its harmonics. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is calculated by inputting a 50 Hz signal, and samples
are acquired for 2 sec. The amplitudes for each frequency up to
the bandwidth given in Table 1 as the ADC output bandwidth
(−3 dB) are calculated. To determine the SINAD, the signal at
50 Hz is compared to the sum of the power from all the other
frequencies. The value for SINAD is expressed in decibels.
Total Harmonic Distortion (THD)
THD is calculated by inputting a 50 Hz signal, and samples are
acquired for over 2 sec. The amplitudes for each frequency up
to the bandwidth given in Table 1 as the ADC output
bandwidth (−3 dB) are calculated. To determine the THD, the
amplitudes of the 50 Hz harmonics up to the bandwidth are
root sum squared. The value for THD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is calculated by inputting a 50 Hz signal, and samples are
acquired for over 2 sec. The amplitudes for each frequency up
to the bandwidth given in Table 1 as the ADC output bandwidth
(−3 dB) are calculated. To determine the SFDR, the amplitude
of the largest signal that is not a harmonic of 50 Hz is recorded.
The value for SFDR is expressed in decibels.
ADC Output Pass Band
The ADC output pass band is the bandwidth within 0.1 dB,
resulting from the digital filtering in the sinc4 and sinc4 + IIR LPF.
ADC Output Bandwidth
The ADC output bandwidth is the bandwidth within −3 dB,
resulting from the digital filtering in the sinc4 and sinc4 + IIR LPF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com