Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 54Page - Analog Devices ADE9078ACPZ Datasheet HTML 55Page - Analog Devices ADE9078ACPZ Datasheet HTML 56Page - Analog Devices ADE9078ACPZ Datasheet HTML 57Page - Analog Devices ADE9078ACPZ Datasheet HTML 58Page - Analog Devices ADE9078ACPZ Datasheet HTML 59Page - Analog Devices ADE9078ACPZ Datasheet HTML 60Page - Analog Devices ADE9078ACPZ Datasheet HTML 61Page - Analog Devices ADE9078ACPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 57 of 107
APPLICATIONS INFORMATION
The voltage and current waveforms of a polyphase system are
defined in the following equations:
t)
(
(t) =
VA
ω
sin
2
)
t
(
(t) =
VB
°
120
–
sin
2
ω
)
t
(
(t) =
VC
°
+ 120
sin
2
ω
)
t
(
(t) =
IA
θ
ω –
sin
2
)
t
(
(t) =
IB
°
120
–
–
sin
2
θ
ω
)
t
(
(t) =
IC
°
+120
–
sin
2
θ
ω
To understand how these signals relate to each other, create a
phasor diagram following a convention using lagging phase angles.
Figure 83 shows a common polyphase metering configuration,
the 4-wire wye, with VA, VB, and VC. Phase B lags Phase A by
120°, and Phase C lags Phase A by 240°. Currents are shown at a
power factor of 1, PF = 1, where θ = 0 in the expressions for IA,
IB, and IC, and the current is in phase with the voltage.
C
B
A
N
VAN
IA
VCN
IC
270° LAGGING
90° LAGGING
180°
0°
IB
VBN
Figure 83. 4-Wire Wye Service Vector Diagram
Figure 84 to Figure 87 show common metering configurations:
3-wire delta, 4-wire delta, and 3-wire residential and network.
The ADE9078 can also measure multiple single-phase circuits.
180°
270° LAGGING
90° LAGGING
0°
C
B
A
VBA
VAC
VCB
IA
IC
IB
Figure 84. 3-Wire Delta Service Vector Diagram
270° LAGGING
90° LAGGING
180°
0°
N
C
B
A
VAN
IA
VCN
IC
IB
VBN
Figure 85. 4-Wire Delta Service Vector Diagram
270° LAGGING
90° LAGGING
180°
0°
N
B
A
Figure 86. 3-Wire Residential Single-Phase Service Vector Diagram
270° LAGGING
90° LAGGING
180°
0°
B
A
N
Figure 87. 3-Wire Network Meter Vector Diagram
The phasor diagrams show how the voltages and currents are
related in time. Figure 88 shows the 4-wire wye voltage phase
sequence in time, corresponding to the Figure 83 phasor
diagram and equations for VA, VB, and VC, provided previously
in this section.
PHASE A
VAN
PHASE B
VBN
PHASEC
VCN
Figure 88. 4-Wire Wye, Voltage Phase Sequence in Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com