Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 68Page - Analog Devices ADE9078ACPZ Datasheet HTML 69Page - Analog Devices ADE9078ACPZ Datasheet HTML 70Page - Analog Devices ADE9078ACPZ Datasheet HTML 71Page - Analog Devices ADE9078ACPZ Datasheet HTML 72Page - Analog Devices ADE9078ACPZ Datasheet HTML 73Page - Analog Devices ADE9078ACPZ Datasheet HTML 74Page - Analog Devices ADE9078ACPZ Datasheet HTML 75Page - Analog Devices ADE9078ACPZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 71 of 107
When the WF_CAP_EN bit is set, whichever mode selected by
the WF_CAP_SEL and WF_MODE bits in the WFB_CFG register
is initiated.
For example, if WF_CAP_SEL = 0, the resampled waveforms
are stored into the buffer. If WF_CAP_SEL = 1, the fixed data
rate samples are stored into the buffer, and the WF_MODE bits
indicate whether the buffer is filled continuously or only one
time, and if trigger events affects the buffer filling. All of these
bits must be configured before writing the WF_CAP_EN bit in
the WFB_CFG register.
When the waveform buffer is disabled by clearing the
WF_CAP_EN bit, the waveform buffer data remains valid;
however, the WFB_LAST_ADDR and WFB_TRIG_ADDR
registers are reset.
To start a new waveform capture, disable the waveform buffer
by writing WF_CAP_EN = 0. Then, configure the WF_CAP_SEL
and WF_MODE bits as desired by writing to the WFB_CFG
register. Finally, set the WF_CAP_EN bit in the WFB_CFG
register to start the capture. Do not change the WF_CAP_SEL
or WF_MODE bits while the WF_CAP_EN bit is set.
BURST READ WAVEFORM BUFFER SAMPLES
FROM SPI
The waveform buffer contents can be read using the SPI burst
read mode. The SPI burst read mode allows many samples of
data to be read while only sending one SPI command header.
To make it easier to read out the desired data using the SPI burst
read functionality, the user can indicate which channels of data
to read out of the waveform buffer, using the BURST_CHAN bits
in the WFB_CFG register, as shown in Table 29.
Table 29. Waveform Buffer Burst Read
BURST_CHAN
Channels to Burst
0000 (default)
All channels
0001
IA and VA
0010
IB and VB
0011
IC and VC
1000
IA
1001
VA
1010
IB
1011
VB
1100
IC
1101
VC
1110
IN if WF_IN_EN = 1 in the WFB_CFG
register
1111
Single address read (SPI burst mode is
disabled)
The same BURST_CHAN options are available for both fixed
data rate samples and resampled data.
The waveform buffer sample that is read out depends on the
selection in BURST_CHAN and whether the stored data is fixed
data rate data or resampled data.
If BURST_CHAN is not equal to 1111, and the fixed data rate
data is stored in the waveform buffer, when WF_CAP_SEL = 1,
the three LSBs of the address are masked out when determining
which sample set to read out.
If BURST_CHAN is not equal to 1111, and resampled data is
stored in the waveform buffer, when WF_CAP_SEL = 0, the
two LSBs of the address are masked out when determining
which sample set to read out.
If BURST_CHAN = 1111, whichever address was written in the
CMD_HDR is read out.
These cases are summarized in Table 30.
Table 30. SPI Address Interpretation when Reading from
Waveform Buffer
Address of Sample (Set)
Capture Type
BURST_CHAN ≠
1111
BURST_CHAN =
1111
Fixed Data Rate Samples
(WF_CAP_SEL = 1)
ADDR, Bits[11:3]
ADDR, Bits [11:0]
Resampled Data
(WF_CAP_SEL = 0)
ADDR, Bits
[11:2]
ADDR, Bits [11:0]
Example 1: Fixed Data Rate Data, Seven Channel
Samples
In this example, WFB_CAP_SEL = 1, WF_IN_EN = 1, and
BURST_CHAN = 0000 in the WFB_CFG register, which indicates
that there is fixed data rate data in the waveform buffer, and the
user wants to read out samples from all seven channels. A
command is sent to read Address 0x801, which is interpreted as
a read to the sample set starting at Address 0x800. The first 32
SPI clocks return IA from Address 0x800, followed by VA from
Address 0x801, and so on until IN returns from Address 0x806.
Then, the sample set auto-increments and the next data is IA
from Address 0x808, followed by VA. This example is depicted
in Figure 110.
Example 2: Resampled Data, Phase C (I and V Samples)
In this example, WFB_CAP_SEL = 0 and BURST_CHAN =
0011 in the WFB_CFG register, which indicates that there is
resampled data in the waveform buffer, and the user wants to read
out IC and VC samples. A command is sent to read Address 0x801,
which is interpreted as a read to the sample set starting at
Address 0x800. The first 16 SPI clocks return the IC waveform
from Address 0x802, followed by VC from Address 0x802.
Then, the sample set auto-increments and the next data is IC
from Address 0x806, followed by VC from the same address.
Then, IC from Address 0x80A and VC from Address 0x80A and
are read out. This example is depicted in Figure 111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com