Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 4Page - Analog Devices ADE9078ACPZ Datasheet HTML 5Page - Analog Devices ADE9078ACPZ Datasheet HTML 6Page - Analog Devices ADE9078ACPZ Datasheet HTML 7Page - Analog Devices ADE9078ACPZ Datasheet HTML 8Page - Analog Devices ADE9078ACPZ Datasheet HTML 9Page - Analog Devices ADE9078ACPZ Datasheet HTML 10Page - Analog Devices ADE9078ACPZ Datasheet HTML 11Page - Analog Devices ADE9078ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 7 of 107
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS
MISO, IRQ0, and IRQ1
VDD = 2.7 V
Output Voltage
High, VOH
 
2.4
V
ISOURCE = 1 mA
Low, VOL
0.8
V
ISINK = 4 mA
CF1, CF2, CF3, and CF4
VDD = 2.7 V
Output Voltage
High, VOH
2.4
V
ISOURCE = 3 mA
Low, VOL
0.8
V
ISINK = 8 mA
LOW DROPOUT REGULATORS (LDOs)
AVDD
1.9
V
See the Power-On Sequence section
DVDD
1.7
V
POWER SUPPLY
 
For specified performance
VDD
2.7
3.3
3.63
V
Supply Current (VDD)
VDD = 3.63 V
Power Save Mode 0 (PSM0)
 
10
12
mA
Normal mode, seven ADCs enabled
9.5
11
mA
Normal mode, seven ADCs enabled, total
reactive power computation disabled
10.5
12
mA
Normal mode, seven ADCs enabled,
waveform buffer enabled
10
11.6
mA
Normal mode, six ADCs enabled
Power Save Mode 1 (PSM1)
9
10.6
mA
Fast rms, active power, and total reactive
power measurement within 30 ms for
tamper detection
Power Save Mode 2 (PSM2)
115
200
μA
Compares current to threshold, AVDD = 0 V,
DVDD = 0 V
Power Save Mode 3 (PSM3)
50
200
nA
Idle, AVDD = 0 V, DVDD = 0 V
1 Throughout this data sheet, multifunction pins, such as CF3/ZX, are referred to either by the entire pin name or by a single function of the pin, for example, CF3, when
only that function is relevant.
2 Tested during device characterization.
TIMING CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
SS to SCLK Edge
tSS
10
ns
SCLK Frequency
10
MHz
SCLK Low Pulse Width
tSL
40
ns
SCLK High Pulse Width
tSH
40
ns
Data Output Valid After SCLK Edge
tDAV
40
ns
Data Input Setup Time Before SCLK Edge
tDSU
10
ns
Data Input Hold Time After SCLK Edge
tDHD
10
ns
Data Output Fall Time
tDF
10
ns
Data Output Rise Time
tDR
10
ns
SCLK Fall Time
tSF
10
ns
SCLK Rise Time
tSR
10
ns
MISO Disable After SS Rising Edge
tDIS
100
ns
SS High After SCLK Edge
tSFS
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com