Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 102 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 102 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 98Page - Analog Devices ADE9078ACPZ Datasheet HTML 99Page - Analog Devices ADE9078ACPZ Datasheet HTML 100Page - Analog Devices ADE9078ACPZ Datasheet HTML 101Page - Analog Devices ADE9078ACPZ Datasheet HTML 102Page - Analog Devices ADE9078ACPZ Datasheet HTML 103Page - Analog Devices ADE9078ACPZ Datasheet HTML 104Page - Analog Devices ADE9078ACPZ Datasheet HTML 105Page - Analog Devices ADE9078ACPZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 101 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
[3:2]
VARACC
Total and fundamental reactive power
accumulation mode for energy registers and CFx
pulses.
0x0
R/W
00 Signed accumulation mode.
01 Absolute Value accumulation mode.
10 Positive accumulation mode.
11 Negative accumulation mode.
[1:0]
WATTACC
Total and fundamental active power accumulation
mode for energy registers and CFx pulses--see
VARACC.
0x0
R/W
0x493 CONFIG3
[15:5]
RESERVED
Reserved.
0x0
R
[4:2]
PEAKSEL
Set this bit to select which phase(s) to monitor
peak voltages and currents on. Write PEAKSEL[0]
to one to enable Phase A peak detection. Similarly,
PEAKSEL[1] enables Phase B peak detection and
PEAKSEL[2] enables Phase C peak detection.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
0x49A ZX_LP_SEL
[15:5]
RESERVED
Reserved.
0x0
R
[4:3]
LP_SEL
Selects line period measurement used for
resampling.
0x3
R/W
00 APERIOD, line period measurement from Phase A
voltage.
01 BPERIOD, line period measurement from Phase B
voltage.
10 CPERIOD, line period measurement from Phase C
voltage.
11 COM_PERIOD, line period measurement on
combined signal from VA, VB, and VC.
[2:1]
ZX_SEL
Selects the zero-crossing signal, which can be
routed to CF3/ZX output pin and which is used for
line cycle energy accumulation.
0x3
R/W
00 ZXVA, Phase A voltage zero-crossing signal.
01 ZXVB, Phase B voltage zero-crossing signal.
10 ZXVC, Phase C voltage zero-crossing signal.
11 ZXCOMB, zero crossing on combined signal from
VA, VB, and VC.
0
RESERVED
Reserved.
0x0
R
0x49D PHSIGN
[15:10] RESERVED
Reserved.
0x0
R
9
SUM4SIGN
Sign of the sum of the powers included in the CF4
datapath. The CF4 energy is positive if this bit is
clear and negative if this bit is set.
0x0
R
8
SUM3SIGN
Sign of the sum of the powers included in the CF3
datapath. The CF3 energy is positive if this bit is
clear and negative if this bit is set.
0x0
R
7
SUM2SIGN
Sign of the sum of the powers included in the CF2
datapath. The CF2 energy is positive if this bit is
clear and negative if this bit is set.
0x0
R
6
SUM1SIGN
Sign of the sum of the powers included in the CF1
datapath. The CF1 energy is positive if this bit is
clear and negative if this bit is set.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com