Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 24Page - National Semiconductor (TI) LM81 Datasheet HTML 25Page - National Semiconductor (TI) LM81 Datasheet HTML 26Page - National Semiconductor (TI) LM81 Datasheet HTML 27Page - National Semiconductor (TI) LM81 Datasheet HTML 28Page - National Semiconductor (TI) LM81 Datasheet HTML 29Page - National Semiconductor (TI) LM81 Datasheet HTML 30Page - National Semiconductor (TI) LM81 Datasheet HTML 31Page - National Semiconductor (TI) LM81 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Functional Description (Continued)
13.14 Extended Mode Register 1 — Address 4Ch
Power on default – <7:0> = 0100 0100 binary
Bit
Name
Read/Write
Description
0
Extended Mode
Enable
Read/Write
A one enables the Extended Interrupt Modes, the T_CRIT_A output and all the
functions listed in the Extended Mode Registers. Bit 7 of the Interrupt Status
register will be activated to reflect the interrupt status of the LOW limit comparison
result.
1
LOW Limit Mask
Bit
Read/Write
A mask bit for the LOW limit Interrupt. A one disables the interrupt from propagating
to the INT pin.
2-3
T_CRIT_A
Interrupt Mode
Select
Read/Write
The state of these bits select the interrupt mode for T_CRIT_A as described below.
<3:2> = 00 or <3:2> = 11: Repetitive Interrupt Mode
<3:2> = 01: One-Time Interrupt Mode
<3:2> = 10: Comparator Mode
4
T_CRIT_A
Enable
Read/Write
A one enables the T_CRIT_A pin.
5
T_CRIT_A
Polarity
Read/Write
A one sets the T_CRIT_A pin active HIGH. A zero sets the T_CRIT_A pin active
LOW.
6
T_CRIT_A Mask
Enable
Read/Write
A one prevents the T_CRIT_A interrupt from propagating to the INT output pin.
7
T_CRIT_A Status
Bit
Read
A one indicates that a T_CRIT_A interrupt has occurred.
13.15 Extended Mode Register 2 — Address 4Dh
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0-2
Hysteresis Offset
Value
Read/Write
T
HYST value.
3
12-bit
Temperature
Resolution Enable
Read/Write
A one sets the temperature resolution to 12 bits.
4-7
12-bit
Temperature Data
Read Only
12-bit temperature data least significant bits. Bit 7 mirrors bit 7 in the temperature
configuration register (4Bh) and has a weight of 0.5˚C; bits 6-4 have a weight of
0.25, 0.125, and 0.0625˚C, respectively.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com