Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 13Page - National Semiconductor (TI) LM81 Datasheet HTML 14Page - National Semiconductor (TI) LM81 Datasheet HTML 15Page - National Semiconductor (TI) LM81 Datasheet HTML 16Page - National Semiconductor (TI) LM81 Datasheet HTML 17Page - National Semiconductor (TI) LM81 Datasheet HTML 18Page - National Semiconductor (TI) LM81 Datasheet HTML 19Page - National Semiconductor (TI) LM81 Datasheet HTML 20Page - National Semiconductor (TI) LM81 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Functional Description (Continued)
7.0 DAC OUTPUT
The LM81 provides an 8-bit DAC (Digital-to-Analog Con-
verter) with an output range of 0 to 1.25 volts (4.88 mV LSB).
This DAC can be used in any way, but in most applications of
the LM81 the DAC will be used for fan control. Typically the
DAC output would be amplified to provide the up to 12 volt
drive required by the fan. At power-on the DAC provides full
output, insuring that full fan speed is the default condition.
Care should be taken such that the analog circuitry tied to
this pin does not drive this pin above 2.5V. Doing so will
place the LM81 in NAND tree test mode which will make all
pins inputs, thus disabling any response from the LM81.
Fans do not start reliably at reduced voltages, so operation
at a reduced voltage should be preceded by a brief (typically
1 second) excursion to full operating voltage, then reduce
the voltage. Most fans do not operate at all below 5 to 7
volts. At those lower voltages the fan will simply consume
current, dissipate power, and not operate and such condi-
tions should be avoided.
The output of the amplifier can be configured to provide a
high or low side pass transistor. A high side pass transistor
simplifies the coupling of tachometer outputs to the tachom-
eter inputs of the LM81 since the fan remains grounded. Low
side drive will require AC coupling along with clamping at the
LM81 input to prevent negative excursions.
A typical circuit for fan drive is shown in
Figure 8. R4 is used
when a negative power supply is available to eliminate offset
in the amplifier and providea0to11.5 volt output (actually
12 volts less saturation). Omitting R4 will create a “dead
zone” between approximately 0 to 6 volts output (a poten-
tially unusable region anyway). In many applications protect-
ing the pass transistor Q2 from faults such as a shorted fan
can be accomplished by taking advantage of the current limit
already existing on the 12 volt supply. Q2 will have to be
heat-sunk accordingly. Otherwise, use the suggested current
limit circuit as shown.
DS100072-28
FIGURE 8. Amplifier circuit for connection between DAC output and fan.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com