Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 3Page - National Semiconductor (TI) LM81 Datasheet HTML 4Page - National Semiconductor (TI) LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) LM81 Datasheet HTML 10Page - National Semiconductor (TI) LM81 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AC Electrical Characteristics
The following specifications apply for +2.8V
DC ≤ V
+
≤ +3.8V
DC on SMBCLK and SMBData, unless otherwise specified. Bold-
face limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Note 15)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
SERIAL BUS TIMING CHARACTERISTICS
t
1
SMBCLK (Clock) Period
2.5
µs (min)
t
rise
SMBCLK and SMBData Rise Time
1
µs (max)
t
fall
SMBCLK and SMBData Fall Time
300
ns (max)
t
2
Data In Setup Time to SMBCLK High
100
ns (min)
t
3
Data Out Stable After SMBCLK Low
0
ns (min)
t
4
SMBData Low Setup Time to SMBCLK Low
(start)
100
ns (min)
t
5
SMBData High Hold Time After SMBCLK
High (stop)
100
ns (min)
t
TIMEOUT
SMBData or SMBCLK low time required to
reset the Serial Bus Interface to the Idle
State
31
25
35
ms
ms (min)
ms (max)
C
L
Capacitive Load on SMBCLK and SMBData
400
pF (max)
DS100072-4
FIGURE 1. Serial Bus Timing Diagram
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com