Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 16Page - National Semiconductor (TI) LM81 Datasheet HTML 17Page - National Semiconductor (TI) LM81 Datasheet HTML 18Page - National Semiconductor (TI) LM81 Datasheet HTML 19Page - National Semiconductor (TI) LM81 Datasheet HTML 20Page - National Semiconductor (TI) LM81 Datasheet HTML 21Page - National Semiconductor (TI) LM81 Datasheet HTML 22Page - National Semiconductor (TI) LM81 Datasheet HTML 23Page - National Semiconductor (TI) LM81 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Functional Description (Continued)
Extended Repetitive Interrupt Mode is shown in
Figure 14
and operates in the following way: Once activated, all inter-
rupts remain activated until reset by a read of the Interrupt
Status Register 1. Once activated all T_CRIT_A interrupts
remain activated until reset by a read of the Extended Mode
Register 1. Temperature conversion data less than or equal
to T
LOW will activate interrupt. Interrupt will continue to be ac-
tivated until the temperature data exceeds (T
LOW +THYST).
Exceeding T
HIGH activates interrupt. Interrupt will continue to
be activated at the end of a conversion until the temperature
data is less than or equal to (T
HIGH −THYST). T_CRIT_A in-
terrupts are activated when the temperature exceeds
T_CRIT. T_CRIT_A interrupts will no longer be activated if
the temperature data at the end of a conversion is less than
or equal to( T_CRIT − T
HYST).
Extended One-Time Interrupt Mode is shown in
Figure 15
and operates in the following way: Once activated all inter-
rupts remain activated until reset by a read of the Interrupt
Status Register 1. Once activated all T_CRIT_A interrupts
remain activated until reset by a read of the Extended Mode
Register 1. An interrupt will be activated when the data of a
temperature conversion is less than or equal to T
LOW. Inter-
rupt cannot again be activated until the data from a tempera-
ture conversion is greater than (T
LOW +THYST). An interrupt
will be activated when the data of a temperature conversion
is greater than T
HIGH. Interrupt cannot again be activated un-
til the data of a temperature conversion is less than or equal
to (T
HIGH −THYST). T_CRIT_A interrupt is activated when
the data from a temperature conversion is greater than
T_CRIT. Activation of an T_CRIT_A interrupt cannot occur
until the data from a temperature conversion is less than or
equal to ( T_CRIT − T
HYST).
Extended Comparator Mode is shown in
Figure 16 and op-
erates in the following way: Interrupt is activated when the
data from a temperature conversion is less than or equal to
T
LOW. Interrupt is reset when the data from a temperature
conversion exceeds (T
LOW +THIGH). Exceeding THIGH will
activate interrupt. This interrupt will be reset when data from
a temperature conversion is less than or equal to (T
HIGH −
T
HYST). T_CRIT_A interrupt is activated when the tempera-
ture exceeds T_CRIT. T_CRIT_A remains active until the
data from a temperature conversion is less than or equal to
(T_CRIT − T
HYST) resets it.
DS100072-20
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 14. Extended Repetitive Interrupt Mode
DS100072-21
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 15. Extended One-Time Interrupt
DS100072-19
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 16. Extended Comparator Mode
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com