Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) LM81 Datasheet HTML 10Page - National Semiconductor (TI) LM81 Datasheet HTML 11Page - National Semiconductor (TI) LM81 Datasheet HTML 12Page - National Semiconductor (TI) LM81 Datasheet HTML 13Page - National Semiconductor (TI) LM81 Datasheet HTML 14Page - National Semiconductor (TI) LM81 Datasheet HTML 15Page - National Semiconductor (TI) LM81 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Functional Description (Continued)
2.2 Serial Bus Interface
The Serial Bus control lines consist of the SMBData (serial
data), SMBCLK (serial clock) and A0-A1 (address) pins. The
LM81 can operate only as a slave. The SMBCLK line only
controls the serial interface, all other clock functions within
LM81 such as the ADC and fan counters are done with a
separate asynchronous internal clock.
When using the Serial Bus Interface a write will always con-
sist of the LM81 Serial Bus Interface Address byte, followed
by the Internal Address Register byte, then the data byte.
There are two cases for a read:
1.
If the Internal Address Register is known to already be at
the desired Address, simply read the LM81 with the Se-
rial Bus Interface Address byte, followed by the data
byte read from the LM81.
2.
If the Internal Address Register value is unknown, or if it
is not the desired value, write to the LM81 with the Serial
Bus Interface Address byte, followed by the Internal Ad-
dress Register byte. Then restart the Serial Communica-
tion with a Read consisting of the Serial Bus Interface
Address byte, followed by the data byte read from the
LM81.
The default Serial Bus address of the LM81 is set to 010
11(A1)(A0). All bits, except for A0 and A1, can be changed by
writing to the Serial Bus address register. A0 and A1 will al-
ways reflect the state of the A0 and A1 input pins.
All of these communications are depicted in the Serial Bus
Interface Timing Diagrams as shown in
Figure 5.
Serial Bus Timeout can be initiated by holding the SMBCLK
and/or SMBData lines low for greater than t
TIMEOUT (35 ms
max). Serial Bus Timeout resets the serial bus interface cir-
cuitry to the idle state and readies the LM81 for a new serial
bus communication.
DS100072-8
(a) Serial Bus Write to the Internal Address Register followed by the Data Byte
DS100072-9
(b) Serial Bus Write to the Internal Address Register Only
DS100072-10
(c) Serial Bus Read from a Register with the Internal Address Register Preset to Desired Location
FIGURE 5. Serial Bus Timing
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com